Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6215B2227R Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6215B2227R
Description  0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215B2227R Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6215B2227R Datasheet HTML 1Page - Torex Semiconductor XC6215B2227R Datasheet HTML 2Page - Torex Semiconductor XC6215B2227R Datasheet HTML 3Page - Torex Semiconductor XC6215B2227R Datasheet HTML 4Page - Torex Semiconductor XC6215B2227R Datasheet HTML 5Page - Torex Semiconductor XC6215B2227R Datasheet HTML 6Page - Torex Semiconductor XC6215B2227R Datasheet HTML 7Page - Torex Semiconductor XC6215B2227R Datasheet HTML 8Page - Torex Semiconductor XC6215B2227R Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
XC6215 Series
0.8μA Low Power Consumption Voltage Regulator with ON/OFF Switch
GENERAL DESCRIPTION
The XC6215 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The
series achieves very low supply current, 0.8μA (TYP.) and consists of a reference voltage source, an error amplifier, a current
foldback circuit, and a phase compensation circuit plus a driver transistor.
Ultra small packages USP-3, USP-4, USPN-4 and SSOT-24, and small package SOT-25 packages make high density
mounting possible. Therefore, the series is ideal for applications where high density mounting is required such as in mobile
phones.
Output voltage is selectable in 0.1V increments within a range of 0.9V ~ 5.0V by laser trimming
The series is also compatible with low ESR ceramic capacitors, which give added output stability.
The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin.
Furthermore, the CE function allows the output of the regulator to be turned off, resulting in greatly reduced power
consumption.
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
Mobile phones
Cordless phones, wireless communication equipment
Portable games
Cameras, Video recorders
Portable AV equipment
PDAs
FEATURES
Maximum Output Current
: 200mA (300mA Limit, TYP.)
@ VOUT=3.0V, VIN=4.0V
Dropout Voltage
: 320mV @ IOUT = 100mA
@ VOUT = 3.0V
Operating Input Voltage
: 1.5V ~ 6.0V
Output Voltage Range
: 0.9V ~ 5.0V (0.1V Increments)
Highly Accurate
: Set voltage accuracy
±2%
(1.5V<VOUT(T)<5.0V)
Set voltage accuracy
±30mV
(0.9V<VOUT(T)<1.5V)
Low Power Consumption
: 0.8μA (TYP.)
Stand-by Current
: Less than 0.1μA
Operating Temperature Range
: - 40℃~ 85℃
Low ESR Capacitor Compatible
: Ceramic capacitor
Current Limiter Circuit Built-In
Packages
: USP-4
SSOT-24
USP-3 (For the XC6215P series only)
SOT-25
USPN-4
Environmentally Friendly
: EU RoHS Compliant, Pb Free
VIN
VOUT
VSS
CE
VOUT
CL=0.1uF
(ceramic)
CIN=1.0uF
(ceramic)
TYPICAL PERFORMANCE
CHARACTERISTICS
Supply Current vs. Input Voltage
USP-4, SSOT-24, SOT-25,USPN-4 packages
(For the USP-3 package, with no CE pin)
XC6215x302
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
45
6
Input Voltage VIN (V)
                   
VIN=VCE
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
Ta=-40℃
Ta=25℃
Ta=85℃
ETR0319_009


Similar Part No. - XC6215B2227R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B2227R TOREX-XC6215B2227R Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B2227R-G TOREX-XC6215B2227R-G Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215B2227R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B252NR TOREX-XC6215B252NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com