Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2277AIDRM Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2277AIDRM
Description  High Precision OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277AIDRM Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2277AIDRM Datasheet HTML 4Page - Texas Instruments OPA2277AIDRM Datasheet HTML 5Page - Texas Instruments OPA2277AIDRM Datasheet HTML 6Page - Texas Instruments OPA2277AIDRM Datasheet HTML 7Page - Texas Instruments OPA2277AIDRM Datasheet HTML 8Page - Texas Instruments OPA2277AIDRM Datasheet HTML 9Page - Texas Instruments OPA2277AIDRM Datasheet HTML 10Page - Texas Instruments OPA2277AIDRM Datasheet HTML 11Page - Texas Instruments OPA2277AIDRM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA277, OPA2277, OPA4277
8
SBOS079A
www.ti.com
TYPICAL CHARACTERISTICS (CONT)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
1k
100
10
10k
100k
Load Capacitance (pF)
60
50
40
30
20
10
0
Gain = –1
Gain = +1
Gain = ±10
10
µs/div
LARGE-SIGNAL STEP RESPONSE
G = +1, CL = 1500pF, V
S = +15V
1
µs/div
SMALL-SIGNAL STEP RESPONSE
G = +1, C
L = 0, VS = ±15V
1
µs/div
SMALL-SIGNAL STEP RESPONSE
G = +1, C
L = 1500pF, VS = ±15V


Similar Part No. - OPA2277AIDRM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277AIDRMR BURR-BROWN-OPA2277AIDRMR Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277AIDRMRG4 BURR-BROWN-OPA2277AIDRMRG4 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277AIDRMT BURR-BROWN-OPA2277AIDRMT Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277AIDRMTG4 BURR-BROWN-OPA2277AIDRMTG4 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2277AIDRM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com