Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA117BM-3 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA117BM-3
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117BM-3 Datasheet(HTML) 1 Page - Texas Instruments

  INA117BM-3 Datasheet HTML 1Page - Texas Instruments INA117BM-3 Datasheet HTML 2Page - Texas Instruments INA117BM-3 Datasheet HTML 3Page - Texas Instruments INA117BM-3 Datasheet HTML 4Page - Texas Instruments INA117BM-3 Datasheet HTML 5Page - Texas Instruments INA117BM-3 Datasheet HTML 6Page - Texas Instruments INA117BM-3 Datasheet HTML 7Page - Texas Instruments INA117BM-3 Datasheet HTML 8Page - Texas Instruments INA117BM-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
INA117
FEATURES
q COMMON-MODE INPUT RANGE:
±200V (V
S = ±15V)
q PROTECTED INPUTS:
±500V Common-Mode
±500V Differential
q UNITY GAIN: 0.02% Gain Error max
q NONLINEARITY: 0.001% max
q CMRR: 86dB min
APPLICATIONS
q CURRENT MONITOR
q BATTERY CELL-VOLTAGE MONITOR
q GROUND BREAKER
q INPUT PROTECTION
q SIGNAL ACQUISITION IN NOISY
ENVIRONMENTS
q FACTORY AUTOMATION
DESCRIPTION
The INA117 is a precision unity-gain difference
amplifier with very high common-mode input voltage
range. It is a single monolithic IC consisting of a
precision op amp and integrated thin-film resistor
network. It can accurately measure small differential
voltages in the presence of common-mode signals up
to
±200V. The INA117 inputs are protected from
momentary common-mode or differential overloads
up to
±500V.
In many applications, where galvanic isolation is not
essential, the INA117 can replace isolation amplifiers.
This can eliminate costly isolated input-side power
supplies and their associated ripple, noise and quies-
cent current. The INA117’s 0.001% nonlinearity and
200kHz bandwidth are superior to those of conven-
tional isolation amplifiers.
The INA117 is available in 8-pin plastic mini-DIP and
SO-8 surface-mount packages, specified for the –40
°C
to +85
°C temperature range. The metal TO-99 models
are available specified for the –40
°C to +85°C and
–55
°C to +125°C temperature range.
High Common-Mode Voltage
DIFFERENCE AMPLIFIER
Ref
B
–In
+In
V–
Comp
V+
V
O
Ref
A
1
2
3
4
8
7
6
5
21.11k
380k
380k
380k
20k
INA11
7
INA117
www.ti.com
Copyright © 2000, Texas Instruments Incorporated
SBOS154A
Printed in U.S.A. December, 2000


Similar Part No. - INA117BM-3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA117BM BURR-BROWN-INA117BM Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results

Similar Description - INA117BM-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com