Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SE12033PKFN Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # Q48SE12033PKFN
Description  Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SE12033PKFN Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button Q48SE12033PKFN Datasheet HTML 5Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 6Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 7Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 8Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 9Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 10Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 11Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 12Page - Delta Electronics, Inc. Q48SE12033PKFN Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_Q48SE12033_06242013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P9
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Figure 17: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
AIR FLOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)


Similar Part No. - Q48SE12033PKFN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SE12018NCFA DELTA-Q48SE12018NCFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NCFH DELTA-Q48SE12018NCFH Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NCFN DELTA-Q48SE12018NCFN Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NKFA DELTA-Q48SE12018NKFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NKFH DELTA-Q48SE12018NKFH Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
More results

Similar Description - Q48SE12033PKFN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SE12018NRFA DELTA-Q48SE12018NRFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12025NRFA DELTA-Q48SE12025NRFA Datasheet
680Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com