Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8565IBPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565IBPWRG4
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8565IBPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8565IBPWRG4 Datasheet HTML 1Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 2Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 3Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 4Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 5Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 6Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 7Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 8Page - Texas Instruments DAC8565IBPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DAC8565
24-BitShiftRegister
SYNC
SCLK
D
IN
DataBufferA
DACRegisterA
DataBufferB
DACRegisterB
DataBufferC
DACRegisterC
DataBufferD
DACRegisterD
Buffer
Control
Register
Control
ControlLogic
2.5V
Reference
Power-Down
ControlLogic
16-BitDAC
16-BitDAC
16-BitDAC
16-BitDAC
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
GND
LDAC
ENABLE
RSTSEL
RST
DAC8565
AV
DD
V
REF
REF
H/V
OUT
IOV
DD
V
REFL
DAC8565
www.ti.com
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
Digital-to-Analog Converter with 2.5V, 2ppm/
°C Internal Reference
Check for Samples: DAC8565
1
FEATURES
DESCRIPTION
The
DAC8565
is
a
low-power,
voltage-output,
234
Relative Accuracy: 4LSB
four-channel, 16-bit digital-to-analog converter (DAC).
Glitch Energy: 0.15nV-s
The
device
includes
a
2.5V,
2ppm/
°C
internal
Internal Reference:
reference (enabled by default), giving a full-scale
output voltage range of 2.5V. The internal reference
– 2.5V Reference Voltage (enabled by default)
has an initial accuracy of 0.004% and can source up
– 0.004% Initial Accuracy (typ)
to 20mA at the VREFH/VREFOUT pin. The device is
– 2ppm/°C Temperature Drift (typ)
monotonic,
provides
very
good
linearity,
and
minimizes undesired code-to-code transient voltages
– 5ppm/°C Temperature Drift (max)
(glitch). The DAC8565 use a versatile 3-wire serial
– 20mA Sink/Source Capability
interface that operates at clock rates up to 50MHz. It
Power-On Reset to Zero-Scale or Midscale
is
compatible
with
standard
SPI
™,
QSPI
™,
Microwire
™, and digital signal processor (DSP)
Asynchronous Clear to Zero-Scale or Midscale
interfaces.
Ultra-Low Power Operation: 1mA at 5V
The DAC8565 incorporates a power-on-reset circuit
Wide Power Supply Range: +2.7V to +5.5V
that ensures the DAC output powers up at either
16-Bit Monotonic Over Temperature Range
zero-scale or midscale until a valid code is written to
Settling Time: 10
μs to ±0.003% Full-Scale
the device. The device contains a power-down
Range (FSR)
feature, accessed over the serial interface, that
reduces the current consumption of the device to
Low-Power Serial Interface with
1.3
μA at 5V. The low power consumption, internal
Schmitt-Triggered Inputs: Up to 50MHz
reference, and small footprint make this device ideal
On-Chip Output Buffer Amplifier with
for portable, battery-operated equipment. The power
Rail-to-Rail Operation
consumption is 2.9mW at 3V, reducing to 1.5
μW in
1.8V to 5.5V Logic Compatibility
power-down mode.
Temperature Range:
–40°C to +105°C
The DAC8565 is drop-in and functionally compatible
with the DAC7564 and DAC8164, and functionally
APPLICATIONS
compatible
with
the
DAC7565,
DAC8165,
and
DAC8564. All these devices are available in a
Portable Instrumentation
TSSOP-16 package.
Closed-Loop Servo-Control
Process Control, PLCs
Data Acquisition Systems
Programmable Attenuation
PC Peripherals
RELATED
DEVICES
16-BIT
14-BIT
12-BIT
Pin and
Functionally
DAC8565
DAC8165
DAC7565
Compatible
Functionally
DAC8564
DAC8164
DAC7564
Compatible
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8565IBPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8565IBPWR TI-DAC8565IBPWR Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC8565IBPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com