Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA117P-BI Datasheet(PDF) 2 Page - Texas Instruments

Part # INA117P-BI
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117P-BI Datasheet(HTML) 2 Page - Texas Instruments

  INA117P-BI Datasheet HTML 1Page - Texas Instruments INA117P-BI Datasheet HTML 2Page - Texas Instruments INA117P-BI Datasheet HTML 3Page - Texas Instruments INA117P-BI Datasheet HTML 4Page - Texas Instruments INA117P-BI Datasheet HTML 5Page - Texas Instruments INA117P-BI Datasheet HTML 6Page - Texas Instruments INA117P-BI Datasheet HTML 7Page - Texas Instruments INA117P-BI Datasheet HTML 8Page - Texas Instruments INA117P-BI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INA117
SBOS154A
2
SPECIFICATIONS
At TA = +25°C, VS = ±15V, unless otherwise noted.
INA117AM, SM
INA117BM
INA117P, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GAIN
Initial (1)
1
✻✻
V/V
Error
0.01
0.05
0.02
✻✻
%
vs Temperature
2
10
✻✻
ppm/
°C
Nonlinearity (2)
0.0002
0.001
✻✻
%
OUTPUT
Rated Voltage
IO = +20mA, –5mA
10
12
✻✻
✻✻
V
Rated Current
VO = 10V
+20, –5
✻✻
mA
Impedance
0.01
✻✻
Current Limit
To Common
+49, –13
✻✻
mA
Capacitive Load
Stable Operation
1000
✻✻
pF
INPUT
Impedance
Differential
800
✻✻
k
Common-Mode
400
✻✻
k
Voltage Range
Differential
±10
✻✻
V
Common-Mode, Continuous
±200
✻✻
V
Common-Mode Rejection (3)
DC
70
80
86
94
✻✻
dB
AC, 60Hz
VCM = 400Vp-p
66
80
66
94
✻✻
dB
vs Temperature, DC
TA = TMIN to TMAX
AM, BM, P, KU
66
75
80
90
dB
SM
60
75
dB
OFFSET VOLTAGE
RTO (4)
Initial
120
1000
1000
✻✻
µV
KU Grade (SO-8 Package)
600
2000
µV
vs Temperature
TA = TMIN to TMAX
8.5
40
40
µV/°C
vs Supply
VS = ±5V to ±18V
74
90
80
✻✻✻
dB
vs Time
200
✻✻
µV/mo
OUTPUT NOISE VOLTAGE
RTO (5)
fB = 0.01Hz to 10Hz
25
✻✻
µVp-p
fB = 10kHz
550
✻✻
nV/
√Hz
DYNAMIC RESPONSE
Gain Bandwidth, –3dB
200
✻✻
kHz
Full Power Bandwidth
VO = 20Vp-p
30
✻✻
kHz
Slew Rate
2
2.6
✻✻
✻✻
V/
µs
Settling Time: 0.1%
VO = 10V Step
6.5
✻✻
µs
0.01%
VO = 10V Step
10
✻✻
µs
0.01%
VCM = 10V Step, VDIFF = 0V
4.5
✻✻
µs
POWER SUPPLY
Rated
±15
✻✻
V
Voltage Range
Derated Performance
±5
±18
✻✻
V
Quiescent Current
VO = 0V
1.5
2
✻✻
mA
TEMPERATURE RANGE
Specification: AM, BM, P, KU
–25
+85
✻✻
–40
+85
°C
SM
–55
+125
°C
Operation
–55
+125
✻✻
–40
+85
°C
Storage
–65
+150
✻✻
–55
+125
°C
✻Specification same as for INA117AM.
NOTES: (1) Connected as difference amplifier (see Figure 1). (2) Nonlinearity is the maximum peak deviation from the best-fit straight line as a percent of full-scale
peak-to-peak output. (3) With zero source impedance (see discussion of common-mode rejection in Application Information section). (4) Includes effects of amplifier’s
input bias and offset currents. (5) Includes effects of amplifier’s input current noise and thermal noise contribution of resistor network.


Similar Part No. - INA117P-BI

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA117P BURR-BROWN-INA117P Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results

Similar Description - INA117P-BI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com