Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5321ARKZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHzWatt RF Driver Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADL5321
Data Sheet
Rev. C | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. This pin requires a dc blocking capacitor.
2
GND
Ground. Connect this pin to a low impedance ground plane.
3
RFOUT
RF Output and Supply Voltage. DC bias is provided to this pin through an inductor that is connected
to the external power supply. RF path requires a dc blocking capacitor.
Exposed Paddle
Expose Paddle. Internally connected to GND. Solder to a low impedance ground plane.
RFIN
GND
RFOUT
1
2
3
GND
ADL5321
TOP VIEW
(Not to Scale)
(2)


Similar Part No. - ADL5321ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
427Kb / 16P
   RF Driver Amplifier
More results

Similar Description - ADL5321ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
   2.7 to 4.0 GHz Driver Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
   2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
Hittite Microwave Corpo...
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com