Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3027SDXWS8 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM3027SDXWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027SDXWS8 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM3027SDXWS8 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM3027SDXWS8 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
7
www.emmicroelectronic.com
4.3
Crystal Thermal Behaviour
The frequency of the crystal is dependent on the
temperature concurring with the following diagram:
Figure 1: Crystal thermal behaviour
TO – Turnover temperature [°C]
FO – Crystal frequency when TO [Hz]
The following formula expresses a compensation value
to be used during frequency correction.
XtalOffset
2
To)
(T
Qcoef
COMP_val
Qcoef
– Thermal quadratic coefficient [ppm/°C
2]
T
– Actual temperature [°C]
TO
– Turnover temperature [°C]
XtalOffset
– Crystal offset at T
O [ppm]
COMP_val
– Compensation value result [ppm]
The oscillator frequency is adjusted according to the
equation above by using coefficients located in the
EEPROM control page and the temperature.
The actual temperature can be obtained from the internal
thermometer or from Temp register updated externally by
an application.
The principle of the frequency compensation is based on
adding/removing of pulses.
Example 1: Qcoef=0.035; TO=25; XtalOffset=–100
-600
-400
-200
0
200
400
600
-50
0
50
100
150
Temperature
[ppm]
Compensation Value
Crystal Error
Example 2: Qcoef=0.035; TO=25; XtalOffset=+100
-400
-300
-200
-100
0
100
200
300
400
-50
0
50
100
150
Tem perature
[ppm ]
Compensation Value
Crystal Error
-400
-300
-200
-100
0
Temperature [°C]
TO+100
TO+50
TO
TO-50
TO-100
T [°C]
F
FO
[ppm]


Similar Part No. - EM3027SDXWS8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027SDXTP14B EMMICRO-EM3027SDXTP14B Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027SDXWS8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027 Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
   Battery Switchover and Trickle Charger
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com