Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2834DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2834DR
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2834DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2834DR Datasheet HTML 1Page - Texas Instruments TPS2834DR Datasheet HTML 2Page - Texas Instruments TPS2834DR Datasheet HTML 3Page - Texas Instruments TPS2834DR Datasheet HTML 4Page - Texas Instruments TPS2834DR Datasheet HTML 5Page - Texas Instruments TPS2834DR Datasheet HTML 6Page - Texas Instruments TPS2834DR Datasheet HTML 7Page - Texas Instruments TPS2834DR Datasheet HTML 8Page - Texas Instruments TPS2834DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS2834, TPS2835
SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223B − NOVEMBER 1999 − REVISED AUGUST 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
15
V
Input voltage
BOOT to PGND
4.5
28
V
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage range
4.5
15
V
V(ENABLE) = LOW,
VCC =15 V
100
A
V(ENABLE) = HIGH,
VCC =15 V
300
400
µA
VCC
Quiescent current
V(ENABLE) = HIGH,
f(SWX) = 200 kHz,
C(HIGHDR) = 50 pF,
See Note 2
VCC =12 V,
BOOTLO grounded,
C(LOWDR) = 50 pF,
3
mA
NOTE 2: Ensured by design, not production tested.


Similar Part No. - TPS2834DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834DR TI1-TPS2834DR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834DRG4 TI1-TPS2834DRG4 Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com