Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2834DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2834DRG4
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2834DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2834DRG4 Datasheet HTML 1Page - Texas Instruments TPS2834DRG4 Datasheet HTML 2Page - Texas Instruments TPS2834DRG4 Datasheet HTML 3Page - Texas Instruments TPS2834DRG4 Datasheet HTML 4Page - Texas Instruments TPS2834DRG4 Datasheet HTML 5Page - Texas Instruments TPS2834DRG4 Datasheet HTML 6Page - Texas Instruments TPS2834DRG4 Datasheet HTML 7Page - Texas Instruments TPS2834DRG4 Datasheet HTML 8Page - Texas Instruments TPS2834DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS2834, TPS2835
SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223B − NOVEMBER 1999 − REVISED AUGUST 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
SYNC
The SYNC terminal controls whether the drivers operate in synchronous or nonsynchronous mode. In
synchronous mode, the low-side FET is operated as a synchronous rectifier. In nonsynchronous mode, the
low-side FET is always off. SYNC is a TTL-compatible digital terminal.
CROWBAR
The CROWBAR terminal overrides the normal operation of the driver. When CROWBAR is low, the low-side
FET turns on to act as a clamp, protecting the output voltage of the dc/dc converter against overvoltages due
to a short across the high-side FET. VIN should be fused to protect the low-side FET. CROWBAR is a
TTL-compatible digital terminal.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: BOOT to PGND (high-side driver ON)
−0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOTLO to PGND
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOT to BOOTLO
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ENABLE, SYNC, and CROWBAR
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DT
−0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Unless otherwise specified, all voltages are with respect to PGND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP with solder‡
2668
26.68 mW/
°C
1467
1067
PWP without solder‡
1024
10.24 mW/
°C
563
409
D
749
7.49 mW/
°C
412
300
JUNCTION-CASE THERMAL RESISTANCE TABLE
PWP
Junction-case thermal resistance
2.07
°C/W
‡ Test Board Conditions:
1. Thickness: 0.062
I
2. 3
I × 3I (for packages <27 mm long)
3. 4
I × 4I (for packages >27 mm long)
4. 2-oz copper traces located on the top of the board (0.071 mm thick)
5. Copper areas located on the top and bottom of the PCB for soldering
6. Power and ground planes, 1-oz copper (0.036 mm thick)
7. Thermal vias, 0.33 mm diameter, 1.5 mm pitch
8. Thermal isolation of power plane
For more information, refer to TI technical brief literature number SLMA002.


Similar Part No. - TPS2834DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834DRG4 TI1-TPS2834DRG4 Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com