Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2835DG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2835DG4
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2835DG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2835DG4 Datasheet HTML 5Page - Texas Instruments TPS2835DG4 Datasheet HTML 6Page - Texas Instruments TPS2835DG4 Datasheet HTML 7Page - Texas Instruments TPS2835DG4 Datasheet HTML 8Page - Texas Instruments TPS2835DG4 Datasheet HTML 9Page - Texas Instruments TPS2835DG4 Datasheet HTML 10Page - Texas Instruments TPS2835DG4 Datasheet HTML 11Page - Texas Instruments TPS2835DG4 Datasheet HTML 12Page - Texas Instruments TPS2835DG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPS2834, TPS2835
SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223B − NOVEMBER 1999 − REVISED AUGUST 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
20
46
8
10
30
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE, LOW TO HIGH LEVEL
150
13
VCC − Supply Voltage − V
70
80
90
40
50
60
57
9
11
12
120
130
140
100
110
Low Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 6
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE, HIGH TO LOW LEVEL
VCC − Supply Voltage − V
20
46
8
10
30
150
13
70
80
90
40
50
60
57
9
11
12
120
130
140
100
110
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 7
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
20
0
50
100
30
150
125
70
80
90
40
50
60
25
75
120
130
140
100
110
−25
−50
VCC = 6.5 V
CL = 3.3 nF
High Side
Low Side
Figure 8
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
20
0
50
100
30
150
125
70
80
90
40
50
60
25
75
120
130
140
100
110
Low Side
High Side
VCC = 6.5 V
CL = 3.3 nF
−25
−50


Similar Part No. - TPS2835DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2835DG4 TI1-TPS2835DG4 Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com