Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1572IDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1572IDR
Description  SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1572IDR Datasheet(HTML) 5 Page - Texas Instruments

  TLV1572IDR Datasheet HTML 1Page - Texas Instruments TLV1572IDR Datasheet HTML 2Page - Texas Instruments TLV1572IDR Datasheet HTML 3Page - Texas Instruments TLV1572IDR Datasheet HTML 4Page - Texas Instruments TLV1572IDR Datasheet HTML 5Page - Texas Instruments TLV1572IDR Datasheet HTML 6Page - Texas Instruments TLV1572IDR Datasheet HTML 7Page - Texas Instruments TLV1572IDR Datasheet HTML 8Page - Texas Instruments TLV1572IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLV1572
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
SLAS171A – DECEMBER 1997– REVISED SEPTEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 5 V,
VREF = 5 V, fSCLK = 20 MHz (unless otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal-to-noise ratio + distortion
f(input) = 200 kHz
54
58
dB
THD
Total harmonic distortion
f(input) = 200 kHz
56
60
dB
Effective number of bits
f(input) = 200 kHz
8.7
9.35
Bits
Spurious-free dynamic range
f(input) = 200 kHz
57
62
dB
Analog Input
BW
Full-power bandwidth
Source impedance = 1 k
12
MHz
BW
Small-signal bandwidth
Source impedance = 1 k
20
Mhz
timing specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
SCLK period
VCC = 4.5 V – 5.5 V
50
ns
tc
SCLK period
VCC = 2.7 V – 3.3 V
100
ns
trs
Reset and sampling period
6
SLCK
cycles
tc
Conversion period
10
SLCK
cycles
tsu1
FS setup time to SCLK falling edge in DSP mode
10
ns
th1
FS hold time to SCLK falling edge in DSP mode
4
ns
tsu2
FS setup time to CS falling edge in DSP mode
6
ns
th2
FS hold time to CS falling edge in DSP mode
9
ns
td1
Output delay after SCLK rising edge in DSP mode
15
25
ns
td(L)1
FS falling edge to next SCLK falling edge in DSP mode
6
ns
td(L)2
SCLK rising edge after CS falling edge in
µC mode
4
ns
td2
Output delay after SCLK rising edge in
µC mode
15
25
ns
Specifications subject to change without notice.


Similar Part No. - TLV1572IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572IDR TI1-TLV1572IDR Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572IDRG4 TI1-TLV1572IDRG4 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results

Similar Description - TLV1572IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9253 AD-AD9253_17 Datasheet
1Mb / 41P
   Serial LVDS 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com