Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC2336284 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC2336284
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336284 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC2336284 Datasheet HTML 1Page - Vishay Siliconix BFC2336284 Datasheet HTML 2Page - Vishay Siliconix BFC2336284 Datasheet HTML 3Page - Vishay Siliconix BFC2336284 Datasheet HTML 4Page - Vishay Siliconix BFC2336284 Datasheet HTML 5Page - Vishay Siliconix BFC2336284 Datasheet HTML 6Page - Vishay Siliconix BFC2336284 Datasheet HTML 7Page - Vishay Siliconix BFC2336284 Datasheet HTML 8Page - Vishay Siliconix BFC2336284 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
2
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
BFC2
336
2X
XX X
2222(*)
336
2X
XX X
(*) old ordering code
TYPE
PACKAGING
STANDARD DIMENSIONS
C-TOL
CODE NUMBER
336 2
X2
± 20 %
Loose in box
Lead length 3.5 + 1/-0.5 mm or 3.5 ± 0.3 mm
BFC2 336 20…
Lead length 5.0 ± 1.0 mm
See tables
Lead length 25.0 ± 2.0 mm
BFC2 336 26…
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
BFC2 336 23…
Loose in box
Lead length 3.5 + 1/-0.5 mm or 3.5 ± 0.3 mm
± 10 %
BFC2 336 21…
Lead length 5.0 ± 1.0 mm
See tables
Lead length 25.0 ± 2.0 mm
BFC2 336 27…
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
BFC2 336 24…
Loose in box
Lead length 3.5 + 1/-0.5 mm or 3.5 ± 0.3 mm
± 5 %
BFC2 336 22…
Lead length 5.0 ± 1.0 mm
See tables
Lead length 25.0 ± 2.0 mm
BFC2 336 28…
Taped on reel
H = 18.5 mm; P0 = 12.7 mm
BFC2 336 25…
PACKAGING
ALTERNATIVE LARGER PITCH SIZES
C-TOL
CODE NUMBER
Loose in box
Lead length 3.5 + 1/-0.5 mm or 3.5 ± 0.3 mm
± 20 %
See tables for details
Lead length 5.0 ± 1.0 mm
Lead length 25.0 ± 2.0 mm
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm
Loose in box
Lead length 3.5 +1/-0.5 mm or 3.5 ± 0.3 mm
± 10 %
Lead length 5.0 ± 1.0 mm
Lead length 25.0 ± 2.0 mm
Taped on reel (1)
H = 18.5 mm P0 = 12.7 mm
Notes
(1) For detailed tape specifications refer to “Packaging Information”: www.vishay.com/docs/28139/packinfo.pdf
(2) SPQ = Standard Packaging Quantity
TYPE AND PITCHES
336 2
X2
10.0 mm
15.0 mm
22.5 mm
27.5 mm
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5


Similar Part No. - BFC2336284

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620152 VISHAY-BFC233620152 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC2336284

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com