Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222336262 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 2222336262
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2222336262 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 2222336262 Datasheet HTML 2Page - Vishay Siliconix 2222336262 Datasheet HTML 3Page - Vishay Siliconix 2222336262 Datasheet HTML 4Page - Vishay Siliconix 2222336262 Datasheet HTML 5Page - Vishay Siliconix 2222336262 Datasheet HTML 6Page - Vishay Siliconix 2222336262 Datasheet HTML 7Page - Vishay Siliconix 2222336262 Datasheet HTML 8Page - Vishay Siliconix 2222336262 Datasheet HTML 9Page - Vishay Siliconix 2222336262 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
6
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
PITCH: 15.0 mm; C-TOL = ± 20 %
Notes
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
PITCH: 15.0 mm; C-TOL = ± 10 %
Notes
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 ± 0.3 mm
lt = 5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm SPQ
SPQ
Pitch = 15 ± 0.4 mm; dt= 0.60 ± 0.06 mm
0.01
5.0 x 11.0 x 17.5
0.98
29001
29273
1000
29097
1000
29004
1100
0.015
29011
29274
29071
29014
0.022
29021
29275
29076
29024
0.033
29031
29276
29082
29034
0.047
20473
29142
26473
23473
0.068
20683
29143
26683
23683
0.1
20104
29144
26104
23104
900
0.15
6.0 x 12.0 x 17.5
1.4
20154
29145
26154
500
23154
650
Pitch = 15 ± 0.4 mm; dt= 0.80 ± 0.08 mm
0.22
7.0 x 13.5 x 17.5
1.8
20224
29146
500
26224
500
23224
600
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 ± 0.3 mm
lt = 5.0 ± 1.0 mm
SPQ
lt = 25.0 ± 2.0 mm SPQ
SPQ
Pitch = 15 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.01
5.0 x 11.0 x 17.5
0.98
29002
29281
1000
29066
1000
29005
1100
0.012
29007
-
29068
29009
0.015
29012
29282
29072
29015
0.018
29017
-
29074
29019
0.022
29022
29283
29077
29025
0.027
29027
-
29079
29029
0.033
29032
29284
29083
29035
0.039
21393
-
27393
24393
0.047
21473
29165
27473
24473
0.056
21563
-
27563
24563
0.068
21683
29166
27683
24683
900
0.082
21823
-
27823
24823
0.1
21104
29167
27104
500
24104
800
0.12
6.0 x 12.0 x 17.5
1.4
21124
-
27124
24124
650
0.15
21154
29168
27154
24154
Pitch = 15 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.18
7.0 x 13.5 x 17.5
1.8
21184
-
500
27184
500
24184
600
0.22
21224
29169
27224
24224


Similar Part No. - 2222336262

ManufacturerPart #DatasheetDescription
logo
International Rectifier
222233820334 IRF-222233820334 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Vishay Siliconix
222233860222 VISHAY-222233860222 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
222233860223 VISHAY-222233860223 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
222233860224 VISHAY-222233860224 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
222233860225 VISHAY-222233860225 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
More results

Similar Description - 2222336262

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com