Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C010A-12JE Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS27C010A-12JE
Description  8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C010A-12JE Datasheet(HTML) 5 Page - Texas Instruments

  TMS27C010A-12JE Datasheet HTML 1Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 2Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 3Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 4Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 5Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 6Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 7Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 8Page - Texas Instruments TMS27C010A-12JE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TMS27C010A 131 072 BY 8BIT UV ERASABLE
TMS27PC010A 131 072 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS110C − NOVEMBER 1990 − REVISED SEPTEMBER 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
signature mode
The signature mode provides access to a binary code identifying the manufacturer and type. This mode is
activated when A9 (pin 26) is forced to 12 V. Two identifier bytes are accessed by toggling A0. All other
addresses must be held low. The signature code for these devices is 97D6. A0 low selects the manufacturer’s
code 97 ( Hex), and A0 high selects the device code D6 (Hex), as shown in Table 3.
Table 3. Signature Mode
IDENTIFIER†
PINS
IDENTIFIER†
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
MANUFACTURER CODE
VIL
1
0
0
1
0
1
1
1
97
DEVICE CODE
VIH
1
1
0
1
0
1
1
0
D6
† E = G = VIL, A1−A8 = VIL, A9 = VH, A10−A16 = VIL, VPP = VCC.
logic symbol
A0
12
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
E
G
11
10
9
8
7
6
5
27
26
23
25
4
28
29
3
2
22
24
DQ0
13
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
14
15
17
18
19
20
EPROM 131 072
× 8
A
A
A
A
A
A
A
A
DQ7
21
0
16
[PWR DOWN]
EN
&
A
0
131 071
‡ This symbol is in accordance with ANSI / IEEE Std 91-1984 and IEC
Publication 617-12. J package illustrated.


Similar Part No. - TMS27C010A-12JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C010A-12JE TI-TMS27C010A-12JE Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C010A-12JE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com