Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2835PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2835PWP
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2835PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS2835PWP Datasheet HTML 1Page - Texas Instruments TPS2835PWP Datasheet HTML 2Page - Texas Instruments TPS2835PWP Datasheet HTML 3Page - Texas Instruments TPS2835PWP Datasheet HTML 4Page - Texas Instruments TPS2835PWP Datasheet HTML 5Page - Texas Instruments TPS2835PWP Datasheet HTML 6Page - Texas Instruments TPS2835PWP Datasheet HTML 7Page - Texas Instruments TPS2835PWP Datasheet HTML 8Page - Texas Instruments TPS2835PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS2834, TPS2835
SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223B − NOVEMBER 1999 − REVISED AUGUST 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT
14
I
Bootstrap terminal. A ceramic capacitor is connected between BOOT and BOOTLO to develop the floating
bootstrap voltage for the high-side MOSFET. The capacitor value is typically between 0.1
µF and 1 µF.
BOOTLO
11
O
This terminal connects to the junction of the high-side and low-side MOSFETs.
CROWBAR
3
I
CROWBAR can to be driven by an external OVP circuit to protect against a short across the high-side
MOSFET. If CROWBAR is driven low, the low-side driver will be turned on and the high-side driver will be
turned off, independent of the status of all other control terminals.
DT
6
I
Dead-time control terminal. Connect DT to the junction of the high-side and low-side MOSFETs.
ENABLE
1
I
If ENABLE is low, both drivers are off.
HIGHDR
12
O
Output drive for the high-side power MOSFET
IN
2
I
Input signal to the MOSFET drivers (noninverting input for the TPS2834; inverting input for the TPS2835).
LOWDR
10
O
Output drive for the low-side power MOSFET
NC
4, 9, 13
No internal connection
PGND
7
Power ground. Connect to the FET power ground.
SYNC
5
I
Synchronous rectifier enable terminal. If SYNC is low, the low-side driver is always off; If SYNC is high, the
low-side driver provides gate drive to the low-side MOSFET.
VCC
8
I
Input supply. Recommended that a 1-
µF capacitor be connected from VCC to PGND.
detailed description
low-side driver
The low-side driver is designed to drive low rDS(on) N-channel MOSFETs. The current rating of the driver is 2 A,
source and sink.
high-side driver
The high-side driver is designed to drive low rDS(on) N-channel MOSFETs. The current rating of the driver is 2 A,
source and sink. The high-side driver can be configured as a GND-reference driver or as a floating bootstrap
driver. The internal bootstrap diode is a Schottky, for improved drive efficiency. The maximum voltage that can
be applied from BOOT to ground is 30 V.
dead-time (DT) control
Dead-time control prevents shoot-through current from flowing through the main power FETs during switching
transitions by controlling the turnon times of the MOSFET drivers. The high-side driver is not allowed to turn
on until the gate drive voltage to the low-side FET is low, and the low-side driver is not allowed to turn on until
the voltage at the junction of the power FETs (Vdrain) is low; the TTL-compatible DT terminal connects to the
junction of the power FETs.
ENABLE
The ENABLE terminal enables the drivers. When enable is low, the output drivers are low. ENABLE is a
TTL-compatible digital terminal.
IN
The IN terminal is a TTL-compatible digital terminal that is the input control signal for the drivers. The TPS2834
has a noninverting input; the TPS2835 has an inverting input.


Similar Part No. - TPS2835PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2835PWP TI-TPS2835PWP Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2835PWP TI1-TPS2835PWP Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPG4 TI1-TPS2835PWPG4 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPR TI1-TPS2835PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPRG4 TI1-TPS2835PWPRG4 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2835PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com