Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2231PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2231PWR
Description  ExpressCard POWER INTERFACE SWITCH
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2231PWR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2231PWR Datasheet HTML 1Page - Texas Instruments TPS2231PWR Datasheet HTML 2Page - Texas Instruments TPS2231PWR Datasheet HTML 3Page - Texas Instruments TPS2231PWR Datasheet HTML 4Page - Texas Instruments TPS2231PWR Datasheet HTML 5Page - Texas Instruments TPS2231PWR Datasheet HTML 6Page - Texas Instruments TPS2231PWR Datasheet HTML 7Page - Texas Instruments TPS2231PWR Datasheet HTML 8Page - Texas Instruments TPS2231PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPS2231
TPS2236
www.ti.com.................................................................................................................................................. SLVS536J – JULY 2004 – REVISED SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
TJ = 25°C, VI(3.3VIN) = VI(AUXIN) = 3.3 V, VI(1.5VIN) = 1.5 V, VI(/SHDNx), VI(/STBYx) = 3.3 V, VI(/CPPEx) = VI(/CPUSBx) = 0 V,
VI(/SYSRST) = 3.3 V, OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3VOUT, AUXOUT, and 1.5VOUT rising within
PERST de-assertion delay from output voltage
4
10
20
ms
tolerance
PERST assertion delay from SYSRST
Max time from SYSRST asserted or de-asserted
500
ns
3.3VOUT, AUXOUT, or 1.5VOUT falling out of
tW(PERST)
PERST minimum pulse width
100
250
μs
tolerance or triggered by SYSRST
PERST output low voltage
0.4
V
IO(PERST) = 500 μA
PERST output high voltage
2.4
V
OC output low voltage
IO(/OC) = 2 mA
0.4
V
OC leakage current
VO(/OC) = 3.6 V
1
μA
OC deglitch
Falling into or out of an overcurrent condition
6
20
mS
UNDERVOLTAGE LOCKOUT (UVLO)
3.3VIN level, below which 3.3VIN and 1.5VIN
switches are off
3.3VIN UVLO
2.6
2.9
3.3VIN level, below which 3.3VIN switch is off
(TPS2231-3 only)
1.5VIN level, below which 3.3VIN and 1.5VIN
V
switches are off
1.5VIN UVLO
1
1.25
1.5VIN level, below which 1.5VIN switch is off
(TPS2231-3 only)
AUXIN UVLO
AUXIN level, below which all switches are off
2.6
2.9
UVLO hysteresis
100
mV
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2231 TPS2236


Similar Part No. - TPS2231PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2231PWR TI-TPS2231PWR Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231PWR TI-TPS2231PWR Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
TPS2231PWRG4 TI-TPS2231PWRG4 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
More results

Similar Description - TPS2231PWR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com