Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGB14C40L Datasheet(PDF) 3 Page - International Rectifier

Part # IRGB14C40L
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB14C40L Datasheet(HTML) 3 Page - International Rectifier

  IRGB14C40L Datasheet HTML 1Page - International Rectifier IRGB14C40L Datasheet HTML 2Page - International Rectifier IRGB14C40L Datasheet HTML 3Page - International Rectifier IRGB14C40L Datasheet HTML 4Page - International Rectifier IRGB14C40L Datasheet HTML 5Page - International Rectifier IRGB14C40L Datasheet HTML 6Page - International Rectifier IRGB14C40L Datasheet HTML 7Page - International Rectifier IRGB14C40L Datasheet HTML 8Page - International Rectifier IRGB14C40L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
4/7/2000
IRGS14C40L
IRGSL14C40L
IRGB14C40L
Ignition IGBT
Page 3
Fig.4 - Typical VCE vs TJ
VGE=4.5V
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
0
50
100
150
200
TJ (°C)
IC = 7A
IC = 10A
Fig.3 - Transfer Characteristics
VCE=20V; tp=20µs
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
VGE (V)
TJ = 25°C
TJ = 125°C
Fig.1 - Typ. Output Characteristics
TJ=25°C
0
10
20
30
40
50
60
0123
456
VCE (V)
VGE = 10 V
VGE = 5.0V
VGE = 4.5V
VGE = 4.0V
VGE = 3.7V
Fig.2 - Typ. Output Characteristics
TJ=125°C
0
10
20
30
40
50
60
01
234
56
VCE (V)
VGE = 10 V
VGE = 5.0V
VGE = 4.5V
VGE = 4.0V
VGE = 3.7V


Similar Part No. - IRGB14C40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB14C40L IRF-IRGB14C40L Datasheet
155Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGB14C40LPBF IRF-IRGB14C40LPBF Datasheet
288Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGB14C40LPBF IRF-IRGB14C40LPBF Datasheet
256Kb / 12P
   MOST RUGGED IN INDUSTRY
IRGB14C40LPBF IRF-IRGB14C40LPBF_15 Datasheet
256Kb / 12P
   MOST RUGGED IN INDUSTRY
More results

Similar Description - IRGB14C40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS14C40L IRF-IRGS14C40L Datasheet
155Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
288Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
logo
Fairchild Semiconductor
DM74ALS09 FAIRCHILD-DM74ALS09 Datasheet
48Kb / 4P
   Quad 2-Input AND Gate with Open Collector Outputs
logo
First Silicon Co., Ltd
FTK2306 FS-FTK2306 Datasheet
408Kb / 4P
   low gate charge and operation with gate low gate charge and operation with gate
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
logo
Unisonic Technologies
UA8316 UTC-UA8316_15 Datasheet
171Kb / 6P
   IGBT GATE DRIVER
UA8316 UTC-UA8316 Datasheet
171Kb / 6P
   IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com