Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222336235 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2222336235
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2222336235 Datasheet(HTML) 3 Page - Vishay Siliconix

  2222336235 Datasheet HTML 1Page - Vishay Siliconix 2222336235 Datasheet HTML 2Page - Vishay Siliconix 2222336235 Datasheet HTML 3Page - Vishay Siliconix 2222336235 Datasheet HTML 4Page - Vishay Siliconix 2222336235 Datasheet HTML 5Page - Vishay Siliconix 2222336235 Datasheet HTML 6Page - Vishay Siliconix 2222336235 Datasheet HTML 7Page - Vishay Siliconix 2222336235 Datasheet HTML 8Page - Vishay Siliconix 2222336235 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Document Number: 28120
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 08-Oct-08
3
MKP 336 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA
PITCH: 10.0 mm; C-TOL = ± 20 %
Notes
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
DESCRIPTION
VALUE
Rated AC voltage URac
310 V
Permissible DC voltage URdc
630 V
Tangent of loss angle:
at 1 kHz
at 10 kHz
C
< 470 nF
≤ 10 x 10-4
≤ 20 x 10-4
470 nF
≤ C ≤ 1µF
≤ 20 x10-4
≤ 70 x 10-4
C
> 1µF
≤ 30 x 10-4
-
Rated voltage pulse slope (dU/dt)R at 435 Vdc
100 V/µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 min
> 15 000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 min
> 5000 s
R between leads and case; 100 V; 1 min
> 30 000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s:
2200 V; 1 min
1800 V; 1 min
C
≤ 1µF
C
> 1µF
Withstanding (AC) voltage between leads and case
2120 V; 1 min
Max. application temperature for 0.001 µF
≤ C ≤ 0.47 µF
110 °C (125 °C for less than 1000 h)
Max. application temperature for C > 0.47 µF
110 °C
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 336 ..... AND PACKAGING
LOOSE IN BOX
REEL
(500 mm) (1) (2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 + 1/-0.5 mm
lt = 5.0 ± 1.0 mm
SPQ lt = 25.0 ± 2.0 mm SPQ
SPQ
Pitch: 10.0 mm ± 0.4 mm; dt = 0.6 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
20102
29131
1000
26102
1250
23102
1400
0.0015
20152
29132
26152
23152
0.0022
20222
29133
26222
23222
0.0033
20332
29134
26332
1000
23332
1100
0.0047
20472
29135
26472
23472
0.0068
20682
29136
26682
23682
0.01
20103
29137
26103
23103
0.015
20153
29138
26153
23153
0.022
20223
29139
26223
23223
0.033
20333
29141
750
26333
750
23333
900


Similar Part No. - 2222336235

ManufacturerPart #DatasheetDescription
logo
International Rectifier
222233820334 IRF-222233820334 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Vishay Siliconix
222233860222 VISHAY-222233860222 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
222233860223 VISHAY-222233860223 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
222233860224 VISHAY-222233860224 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
222233860225 VISHAY-222233860225 Datasheet
201Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 22-Dec-10
More results

Similar Description - 2222336235

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com