Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6415DQ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SI6415DQ
Description  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6415DQ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SI6415DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6415DQ Rev B(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = –250
µA
–30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–21
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = –250
µA
–1
–1.7
–3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V,
ID = –6.5 A
VGS = –4.5 V, ID = –5.2 A
VGS=–10 V, ID =–6.5A, TJ=125
°C
15
21
19
19
30
30
m
ID(on)
On–State Drain Current
VGS = –10 V,
VDS = –5 V
–20
A
gFS
Forward Transconductance
VDS = –10 V,
ID = –6.5 A
24
S
Dynamic Characteristics
Ciss
Input Capacitance
1604
pF
Coss
Output Capacitance
408
pF
Crss
Reverse Transfer Capacitance
VDS = –15 V,
V GS = 0 V,
f = 1.0 MHz
202
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
13
30
ns
tr
Turn–On Rise Time
13.5
30
ns
td(off)
Turn–Off Delay Time
42
110
ns
tf
Turn–Off Fall Time
VDD = –15 V,
ID = –1 A,
VGS = –10 V,
RGEN = 6
25
60
ns
Qg
Total Gate Charge
17
70
nC
Qgs
Gate–Source Charge
5
nC
Qgd
Gate–Drain Charge
VDS = –15 V,
ID = –6.5 A,
VGS = –10 V
6
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.1 A (Note 2)
–0.7
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA is 87 °C/W (steady state) when mounted on a 1 inch² copper pad on FR-4.
b) RθJA is 114 °C/W (steady state) when mounted on a minimum copper pad on FR-4.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - SI6415DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6415DQ VISHAY-SI6415DQ Datasheet
196Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI6415DQ VISHAY-SI6415DQ Datasheet
206Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
SI6415DQ VISHAY-SI6415DQ Datasheet
204Kb / 10P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6415DQ-T1 VISHAY-SI6415DQ-T1 Datasheet
201Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
SI6415DQ VISHAY-SI6415DQ_17 Datasheet
206Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
More results

Similar Description - SI6415DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com