Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD13N10L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD13N10L
Description  N-Channel QFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N10L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD13N10L Datasheet HTML 1Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 2Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 3Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 4Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 5Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 6Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 7Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 8Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2000 Fairchild Semiconductor Corporation
FQD13N10L / FQU13N10L Rev. C2
(TO252)
D-PAK
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD13N10L / FQU13N10L
Unit
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
10
A
- Continuous (TC = 100°C)
6.3
A
IDM
Drain Current
- Pulsed
(Note 1)
40
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
95
mJ
IAR
Avalanche Current
(Note 1)
10
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
40
W
- Derate above 25°C
0.32
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Unit
RθJC
Thermal Resistance, Junction-to-Case
, Max.
3.13
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
, Max. *
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
, Max.
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
I-PAK
G
S
D
G
S
www.fairchildsemi.com
FQD13N10L / FQU13N10L
N-Channel QFET® MOSFET
100 V, 10 A, 180 mΩ
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
audio amplifier, DC motor control, and variable switching
power applications.
Features
• 10 A, 60 V, RDS(on) = 180 mΩ (Max) @VGS = 10 V,
ID = 5.0 A
• Low Gate Charge (Typ. 8.7 nC)
• Low Crss (Typ. 20 pF)
• 100% Avalanche Tested
D
July 2013
(TO251)
FQD13N10L / FQU13N10L
• Low level gate drive requirements allowing direct
operation form logic drivers


Similar Part No. - FQD13N10L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD13N10L VBSEMI-FQD13N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FQD13N10L UMW-FQD13N10L Datasheet
854Kb / 7P
   100V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD13N10LTF VBSEMI-FQD13N10LTF Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FQD13N10LTM UMW-FQD13N10LTM Datasheet
854Kb / 7P
   100V N-Channel MOSFET
More results

Similar Description - FQD13N10L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com