Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ0165RL Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ0165RL
Description  Green Mode Fairchild Power Switch (FPS)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0165RL Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ0165RL Datasheet HTML 1Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 2Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 3Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 4Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 5Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 6Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 7Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 8Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321 • Rev. 1.0.6
3
Application Circuit
Vcc
GND
Drain
Sync
Vo
PWM
Vfb
AC
IN
Vstr
Figure 1.
Typical Flyback Application
Internal Block Diagram
8V/12V
Vref
S
Q
Q
R
VCC
Vref
Idelay
IFB
VSD
Vovp
Sync
VOCP
S
Q
Q
R
R
3R
VCC Good
Vcc
Drain
Vfb
GND
AOCP
Gate
Driver
VCC Good
LEB
200ns
PWM
VBurst
4
Sync
+
-
+
-
0.7V/0.2V
2.5 s Time
Delay
(1.1V)
Soft-
Start
6V
6V
0.35/0.55
+
-
OSC
Vstr
TSD
3
2
8
7
6
5
FSQ0365RN Rev.00
1
Figure 2.
Internal Block Diagram


Similar Part No. - FSQ0165RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0165RL FAIRCHILD-FSQ0165RL Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ0165RL FAIRCHILD-FSQ0165RL Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
More results

Similar Description - FSQ0165RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com