Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1210ZCYSV5BN331 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # CC1210ZCYSV5BN331
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210ZCYSV5BN331 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button CC1210ZCYSV5BN331 Datasheet HTML 2Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 3Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 4Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 5Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 6Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 7Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 8Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 9Page - YAGEO Corporation CC1210ZCYSV5BN331 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
6
14
Product specification
Y5V
Table 4 Sizes from 1206 to 1210
CAP.
Last 2-digit of 12NC
1206
1210
≤ 25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
10 nF
36
05
22 nF
41
07
47 nF
45
09
100 nF
49
12
220 nF
52
14
0.6±0.1
0.6±0.1
470 nF
58
16
1.0 µF
63
18
0.85±0.1
2.2 µF
67
0.85±0.1
4.7 µF
72
0.85±0.1
10 µF
76
0.85±0.1
0.85±0.1
1.15±0.1
1.5±0.1
1.5±0.1
1.5±0.1
22 µF
81
1.6±0.2
1.6±0.2
1.6±0.2
1.6±0.2
1.6±0.2
1.6±0.2
47 µF
85
2.0±0.2
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-3 series is on request
CAPACITANCE RANGE & THICKNESS FOR Y5V


Similar Part No. - CC1210ZCYSV5BN331

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210ZCYSV5BN390 YAGEO-CC1210ZCYSV5BN390 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC CERAMIC
More results

Similar Description - CC1210ZCYSV5BN331

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com