Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24SE05003 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S24SE05003
Description  15W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05003 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S24SE05003 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 9Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 10Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 11Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
S24SE/S24DE series
15W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 15W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P9
For 12V signle output(Kohm):
For 15V single output(Kohm):
For example:
When need trim up to 3.4V, then the external resistor
should be 100Kohm between trim pin and Vout- pin.
When need trim down to 3.1V, then the external resistor
should be 40Kohm between trim pin and Vout+ pin.
THERMAL CONSIDERATIONS
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
mod
ule’s case temperature should always be operated
below 105℃. If the case temperature exceeds the
maximum operating temperature, reliability of the unit
may be affected.
AIR FLOW
MODULE
Air velocity and ambient
temperature test point.
50.8mm
(2.0")
15.0mm
(0.6")
Remote on/off implementation
Output Voltage Adjustment(TRIM)
Only single output modules has output adjust function.
To increase the output voltage set point, connect an
external resistor between the TRIM pin and the
Vout(-).
To decrease the output voltage set point, connect an
external resistor between the TRIM pin and the
Vout(+).
The maximumu adjust range is ±10%, the TRIM pin
should be left open if this feature is not used.
For 3.3V single output(Kohm):
For 5V single output(Kohm):


Similar Part No. - S24SE05003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFH DELTA-S24SE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFA DELTA-S24SE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com