Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24SE05003 Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # S24SE05003
Description  15W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05003 Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button S24SE05003 Datasheet HTML 2Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 3Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 9Page - Delta Electronics, Inc. S24SE05003 Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
S24SE/S24DE series
15W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 15W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P6
ELECTRICAL CHARACTERISTICS CURVES - S24DE150R5, 9-36VIN, ± 15V/0.5A
63
65
67
69
71
73
75
77
79
81
83
85
87
89
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
0.5
0.8
1.0
1.3
1.5
1.8
2.0
2.3
2.5
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
Efficiency vs. load current for various input voltage at 25°C.
Power dissipation vs. load current at 25°C.
Turn-on transient at full load current (10ms/div).
Top two traces: Vout; 10V/div; Bottom Trace: ON/OFF input:
5V/div.
Turn-on transient at full load current (10 ms/div).
Top two traces: Vout; 10V/div; Bottom Trace: input voltage:
15V/div.
Output voltage ripple at nominal input voltage and max load
current Top trace +15V, 10 mV/div,Bottom trace -15V, 20mV/div,
2us/div.
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Bandwidth: 20 MHz.


Similar Part No. - S24SE05003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFH DELTA-S24SE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFA DELTA-S24SE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com