Electronic Components Datasheet Search |
|
CC0603ZRYSV6BN331 Datasheet(PDF) 10 Page - YAGEO Corporation |
|
CC0603ZRYSV6BN331 Datasheet(HTML) 10 Page - YAGEO Corporation |
10 / 14 page www.yageo.com Jul 29, 2010 V.5 General Purpose & High Cap. 6.3 V to 50 V Surface-Mount Ceramic Multilayer Capacitors 10 14 Product specification Y5V TESTS AND REQUIREMENTS Table 8 Test procedures and requirements TEST TEST METHOD PROCEDURE REQUIREMENTS Mounting IEC 60384- 21/22 4.3 The capacitors may be mounted on printed-circuit boards or ceramic substrates No visible damage Visual inspection and dimension check 4.4 Any applicable method using × 10 magnification In accordance with specification Capacitance (1) 4.5.1 Class 2: At 20 °C, 24 hrs after annealing f = 1 KHz for C ≤ 10 µF, rated voltage > 6.3 V, measuring at voltage 1 Vrms at 20 °C f = 1 KHz, for C ≤ 10 µF, rated voltage ≤ 6.3 V, measuring at voltage 0.5 Vrms at 20 °C f = 120 Hz for C > 10 µF, measuring at voltage 0.5 Vrms at 20 °C Within specified tolerance Dissipation factor (D.F.) (1) 4.5.2 Class 2: At 20 °C, 24 hrs after annealing f = 1 KHz for C ≤ 10 µF, rated voltage > 6.3 V, measuring at voltage 1 Vrms at 20 °C f = 1 KHz, for C ≤ 10 µF, rated voltage ≤ 6.3 V, measuring at voltage 0.5 Vrms at 20 °C f = 120 Hz for C > 10 µF, measuring at voltage 0.5 Vrms at 20 °C In accordance with specification Insulation resistance 4.5.3 At Ur (DC) for 1 minute In accordance with specification Temperature characteristic 4.6 Class 2: Between minimum and maximum temperature Y5V: -30 °C to +85 °C Normal Temperature: 20 °C <General purpose series> ∆C/C Class 2: Y5V: 22% to -82% <High Capacitance series> ∆C/C Class 2: Y5V: 22% to -82% Adhesion 4.7 A force applied for 10 seconds to the line joining the terminations and in a plane parallel to the substrate Force size ≥ 0603: 5N size = 0402: 2.5N size = 0201: 1N NOTE: 1. For individual product specification, please contact local sales. |
Similar Part No. - CC0603ZRYSV6BN331 |
|
Similar Description - CC0603ZRYSV6BN331 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |