Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SQ12033PRFB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48SQ12033PRFB
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12033PRFB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48SQ12033PRFB Datasheet HTML 1Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 2Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 3Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 4Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12033PRFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS_Q48SQ12033_09272013
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
Latched over current protection
Positive On/Off logic
Hiccup over voltage protection
Heat spreader optional
FEATURES
High efficiency : 95.5% @ 12V/33A
Size:
57.9*36.8*11.2mm(2.28”*1.45”*0.44”)
(without heat spreader)
57.9*36.8*12.7mm(2.28”*1.45”*0.50”)
(with heat spreader)
Standard footprint
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
Hiccup output over current protection
(OCP)
latched output over voltage protection
(OVP)
Auto recovery OTP and input UVLO
1500V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
recognized
Delphi Series Q48SQ, Quarter Brick Family
DC/DC Power Modules:
36~75V in, 12V/33A out, 400W
The Delphi series Q48SQ12033, quarter brick, 36~75V input, single output,
isolated DC/DC converter is the latest offering from a world leader in power
system and technology and manufacturing ― Delta Electronics, Inc. This
product provides up to 400 watts of power in an industry standard footprint
and pin out. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performances, as well as extremely high reliability under highly stressful
operating conditions. The Q48SQ12033 offers more than 95.5% high
efficiency at 33A full load. The Q48SQ12033 is fully protected from abnormal
input/output voltage, current, and temperature conditions and meets all
safety requirements with basic insulation.


Similar Part No. - Q48SQ12033PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
More results

Similar Description - Q48SQ12033PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com