Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SA3R308NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S36SA3R308NRFA
Description  Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SA3R308NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S36SA3R308NRFA Datasheet HTML 1Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 2Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 3Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SA3R308NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
S36SA3R308NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
65
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to Figure 13 for measuring point
-40
100
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1 minute
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
60
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16
17
18
Vdc
Turn-Off Voltage Threshold
15
16
17
Vdc
Lockout Hysteresis Voltage
0.7
1.5
2
Vdc
Maximum Input Current
100% Load, 18Vin
2.1
A
No-Load Input Current
45
100
mA
Off Converter Input Current
4
10
mA
Inrush Current(I
2t)
0.003
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
15
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25C
3.25
3.30
3.35
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±3
±12
mV
Over Line
Vin=18V to60V
±3
±10
mV
Over Temperature
Tp=-40°C to 100°C
±15
mV
Total Output Voltage Range
over sample load, line and temperature
3.16
3.44
mV
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
50
100
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
30
mV
Operating Output Current Range
0
8
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
150
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 1A/µs
Positive Step Change in Output Current
50% Io,max to 100% Io,max
80
200
mV
Negative Step Change in Output Current
100 % Io,max to 50% Io,max
80
200
mV
Settling Time (within 1% Vout nominal)
200
us
Turn-On Transient
Start-Up Time, From On/Off Control
6
15
ms
Start-Up Time, From Input
7
15
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
3000
µF
EFFICIENCY
100% Load
Vin=48V
86.5
88.5
%
100% Load
Vin=24V
87.5
89.5
%
ISOLATION CHARACTERISTICS
Input to Output
1500
Vdc
Isolation Resistance
100
Isolation Capacitance
1500
PF
FEATURE CHARACTERISTICS
Switching Frequency
350
kHz
ON/OFF Control, (Logic Low-Module ON)
Logic Low
Von/off at Ion/off=1.0mA
0.7
V
Logic High
Von/off at Ion/off=0.0 µA
2
18
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
Leakage Current
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-10
10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
115
122
135
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Tc=40°C
5.8
Mhour
s
Weight
16.9
grams
Over-Temperature Shutdown
Refer to Figure 13 for measuring point
105
°C
2


Similar Part No. - S36SA3R308NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SA3R308NRFA DELTA-S36SA3R308NRFA Datasheet
817Kb / 11P
   Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
More results

Similar Description - S36SA3R308NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SA3R308NRFA DELTA-S36SA3R308NRFA Datasheet
817Kb / 11P
   Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com