Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S36SA3R308PRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S36SA3R308PRFA
Description  Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SA3R308PRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S36SA3R308PRFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 9Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 10Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 11Page - Delta Electronics, Inc. S36SA3R308PRFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DRAWING
Pin No.
Name
Function
1
+Vout
Positive output voltage
2
-Vout
Negative output voltage
3
NC
No Connection
6
Trim
Output voltage trim
7
NC
No Connection
8
ON/OFF
ON/OFF Logic
10
NC
No Connection
11
-Vin
Negative input voltage
12
+Vin
Positive input voltage
11


Similar Part No. - S36SA3R308PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SA3R308PRFA DELTA-S36SA3R308PRFA Datasheet
817Kb / 11P
   Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
More results

Similar Description - S36SA3R308PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SA3R308NRFA DELTA-S36SA3R308NRFA Datasheet
817Kb / 11P
   Delphi Series S36SA, 25W Family DC/DC Power Modules: 18Vin to 60Vin, 3.3V/8A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com