Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA01D1215A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SA01D1215A
Description  1W DC/DC CONVERTER, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SA01D1215A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SA01D1215A Datasheet HTML 1Page - Delta Electronics, Inc. SA01D1215A Datasheet HTML 2Page - Delta Electronics, Inc. SA01D1215A Datasheet HTML 3Page - Delta Electronics, Inc. SA01D1215A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA01D Sries
1W DC/DC CONVERTER, SMD-Package
DS_SA01D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 80%
SMD Package with Industry Standard Pinout
Dual Outputs
Isolation Voltage 1000 VDC
Operating Temperature Range –40° to +85°C
Low ripple and noise
Lead free, RoHs Compliant
Moisture sensitivity level (MSL) 3
3 Years Product Warranty
The SA01D series are miniature, SMD Package, isolated 1W DC/DC converters with 1,000VDC isolation. It allows a wide
operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of
component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high
reliability under highly stressful operating conditions.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SA01D0505A
±5
±100
±2
267
10
75
SA01D0509A
±9
±55
±1
260
10
76
SA01D0512A
±12
±42
±0.8
255
8
79
SA01D0515A
5
(4.5 ~ 5.5)
±15
±33
±0.7
251
30
7
33
79
SA01D1205A
±5
±100
±2
111
8
75
SA01D1209A
±9
±55
±1
109
8
76
SA01D1212A
±12
±42
±0.8
105
5
80
SA01D1215A
12
(10.8 ~ 13.2)
±15
±33
±0.7
103
15
5
33
80
SA01D2405A
±5
±100
±2
56
8
74
SA01D2409A
±9
±55
±1
55
8
75
SA01D2412A
±12
±42
±0.8
53
5
79
SA01D2415A
24
(21.6 ~ 26.4)
±15
±33
±0.7
52
9
5
33
79
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW


Similar Part No. - SA01D1215A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D1215A DELTA-SA01D1215A Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
SA01D1215ATR DELTA-SA01D1215ATR Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
More results

Similar Description - SA01D1215A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01S DELTA-SA01S Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com