Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6X8E4 Datasheet(PDF) 2 Page - Littelfuse

Part # Q6X8E4
Description  RoHS Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6X8E4 Datasheet(HTML) 2 Page - Littelfuse

  Q6X8E4 Datasheet HTML 1Page - Littelfuse Q6X8E4 Datasheet HTML 2Page - Littelfuse Q6X8E4 Datasheet HTML 3Page - Littelfuse Q6X8E4 Datasheet HTML 4Page - Littelfuse Q6X8E4 Datasheet HTML 5Page - Littelfuse Q6X8E4 Datasheet HTML 6Page - Littelfuse Q6X8E4 Datasheet HTML 7Page - Littelfuse Q6X8E4 Datasheet HTML 8Page - Littelfuse Q6X8E4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Triacs
Data Sheets
http://www.littelfuse.com
E2 - 2
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” on page E2 - 4 and “Electrical Specification Notes” on page E2 - 5.
IT(RMS)
Part Number
VDRM
IGT
Isolated
Non-isolated
(4)
TO-92
TO-220
Compak
TO-202
TO-220
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
(1)
Volts
(3) (7) (15)
mAmps
QI
QII QIII QIV
QIV
MAX
See “Package Dimensions” section for variations. (11)
MIN
MAX
TYP
0.8 A
Q2X8E3
Q2X3
200
10
10
10
25
Q4X8E3
Q4X3
400
10
10
10
25
Q6X8E3
Q6X3
600
10
10
10
25
Q2X8E4
Q2X4
200
25
25
25
50
Q4X8E4
Q4X4
400
25
25
25
50
Q6X8E4
Q6X4
600
25
25
25
50
1A
Q201E3
Q2N3
200
10
10
10
25
Q401E3
Q4N3
400
10
10
10
25
Q601E3
Q6N3
600
10
10
10
25
Q201E4
Q2N4
200
25
25
25
50
Q401E4
Q4N4
400
25
25
25
50
Q601E4
Q6N4
600
25
25
25
50
4A
Q2004L3
Q2004F31
Q2004D3
Q2004V3
200
10
10
10
25
Q4004L3
Q4004F31
Q4004D3
Q4004V3
400
10
10
10
25
Q6004L3
Q6004F31
Q6004D3
Q6004V3
600
10
10
10
25
Q2004L4
Q2004F41
Q2004D4
Q2004V4
200
25
25
25
50
Q4004L4
Q4004F41
Q4004D4
Q4004V4
400
25
25
25
50
Q6004L4
Q6004F41
Q6004D4
Q6004V4
600
25
25
25
50
Q8004L4
Q8004D4
Q8004V4
800
25
25
25
50
QK004L4
QK004D4
QK004V4
1000
25
25
25
50
6A
Q2006L4
Q2006F41
Q2006R4
Q2006N4
200
25
25
25
50
Q4006L4
Q4006F41
Q4006R4
Q4006N4
400
25
25
25
50
Q6006L5
Q6006F51
Q6006R5
Q6006N5
600
50
50
50
75
Q8006L5
Q8006R5
Q8006N5
800
50
50
50
75
QK006L5
QK006R5
QK006N5
1000
50
50
50
75
8A
Q2008L4
Q2008F41
Q2008R4
Q2008N4
200
25
25
25
50
Q4008L4
Q4008F41
Q4008R4
Q4008N4
400
25
25
25
50
Q6008L5
Q6008F51
Q6008R5
Q6008N5
600
50
50
50
75
Q8008L5
Q8008R5
Q8008N5
800
50
50
50
75
QK008L5
QK008R5
QK008N5
1000
50
50
50
75
MT1
G
MT2
MT1
MT2
G
G
MT1
MT2
MT1
G
MT2
MT2
MT1
G
MT2
MT2
MT2
MT2
MT1
G
MT2
MT2
G
MT1
MT2
MT2
MT1
G


Similar Part No. - Q6X8E4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6X8E4 LITTELFUSE-Q6X8E4 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q6X8E4 NJSEMI-Q6X8E4 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q6X8E4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com