Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB01D0515A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # SB01D0515A
Description  1W DC/DC CONVERTER, SMD-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SB01D0515A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  SB01D0515A Datasheet HTML 1Page - Delta Electronics, Inc. SB01D0515A Datasheet HTML 2Page - Delta Electronics, Inc. SB01D0515A Datasheet HTML 3Page - Delta Electronics, Inc. SB01D0515A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_SB01S/D_07232012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Part Numbering System
S
B
01
S
05
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P4


Similar Part No. - SB01D0515A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-05 SANYO-SB01-05 Datasheet
60Kb / 2P
   50V, 100mA Rectifier
SB01-05C SANYO-SB01-05C Datasheet
70Kb / 3P
   50V, 100mA Rectifier
logo
ON Semiconductor
SB01-05C ONSEMI-SB01-05C Datasheet
720Kb / 4P
   Schottky Barrier Diode
June, 2014
SB01-05C-TB-E ONSEMI-SB01-05C-TB-E Datasheet
720Kb / 4P
   Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB01-05CP SANYO-SB01-05CP Datasheet
60Kb / 2P
   50V, 100mA Rectifier
More results

Similar Description - SB01D0515A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com