Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT0603MD0BP500 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCT0603MD0BP500
Description  Precision Thin Film Chip Resistor Superior Moisture Resistivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0603MD0BP500 Datasheet(HTML) 3 Page - Vishay Siliconix

  MCT0603MD0BP500 Datasheet HTML 1Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 2Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 3Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 4Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 5Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 6Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 7Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 8Page - Vishay Siliconix MCT0603MD0BP500 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thinfilmchip@vishay.com
Document Number: 28785
3
Revision: 09-Apr-09
MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor
Superior Moisture Resistivity
Note
(1) Products can be ordered using either the PART NUMBER or PRODUCT DESCRIPTION
Note
(2) Resistance values to be selected from E96 and E192
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: MCT0603MD4641BPW00
MODEL/SIZE
VERSION
TCR
VALUE
TOLERANCE
PACKAGING
SPECIAL
MCT0603
MCU0805
MCA1206
M = AT
(Automotive)
E = ± 15 ppm/K
D = ± 25 ppm/K
3 digit value
1 digit
multiplier
MULTIPLIER
0 = *100
1 = *101
2 = *102
3 = *103
B = ± 0.1 %
P1
P5
PW
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: MCT 0603 - 25 0.1 % AT PW 4K64
MCT
0603
- 25
0.1 %
AT
PW
4K64
MODEL
SIZE
TCR
TOLERANCE
VALUE
VERSION
PACKAGING
RESISTANCE
VALUE
MCT
MCU
MCA
0603
0805
1206
± 15 ppm/K
± 25 ppm/K
± 0.1 %
AT = Automotive
P1
P5
PW
47K = 47 k
Ω
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE (2)
TCR
TOLERANCE
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
± 25 ppm/K
± 0.1 %
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
± 15 ppm/K
PACKAGING
MODEL
REEL
PIECES/
PAPER TAPE ON REEL
CODE
MCT 0603 AT
1000
P1
5000
P5
20 000
PW
MCU 0805 AT
1000
P1
5000
P5
20 000
PW
MCA 1206 AT
1000
P1
5000
P5
C
T
0
603
M
D
4
M
41
B
P
W
00
6


Similar Part No. - MCT0603MD0BP500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD4641DE0P5PW00 VISHAY-MCT0603MD4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCT0603MD4641FE0P5PW00 VISHAY-MCT0603MD4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCT0603MD4641ZE0P5PW00 VISHAY-MCT0603MD4641ZE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
More results

Similar Description - MCT0603MD0BP500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com