Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT0603ME1BP500 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MCT0603ME1BP500
Description  Precision Thin Film Chip Resistor Superior Moisture Resistivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0603ME1BP500 Datasheet(HTML) 5 Page - Vishay Siliconix

  MCT0603ME1BP500 Datasheet HTML 1Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 2Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 3Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 4Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 5Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 6Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 7Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 8Page - Vishay Siliconix MCT0603ME1BP500 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thinfilmchip@vishay.com
Document Number: 28785
5
Revision: 09-Apr-09
MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor
Superior Moisture Resistivity
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of special metal alloy is deposited on a
high grade (Al2O3) ceramic substrate and conditioned to
achieve the desired temperature coefficient. Specially
designed inner contacts are deposited on both sides. A
special laser is used to achieve the target value by smoothly
cutting a meander groove in the resistive layer without
damaging the ceramics. The resistor elements are covered
by a unique protective coating designed for electrical,
mechanical and climatic protection. The terminations receive
a final pure tin on nickel plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. Only
accepted products are laid directly into the paper tape in
accordance with IEC 60286-3 (3).
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic soldering
using
wave,
reflow
or
vapour
phase
as
shown
in
IEC 61760-1 (3). The encapsulation is resistant to all cleaning
solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
suitability of conformal coatings, if applied, shall be qualified
by appropriate means to ensure the long-term stability of the
whole system.
The resistors are RoHS compliant; the pure tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing
soldering
processes.
Solderability
is
specified for 2 years after production or requalification. The
permitted storage time is 20 years. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
All
products
comply
with
the
GADSL
(1)
and
the
CEFIC-EECA-EICTA (2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2002/95/EC
Restriction
of
the
use
of
Hazardous
Substances directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
The resistors are approved within the IECQ-CECC Quality
Assessment System for Electronic Components to the detail
specification EN 140401-801 which refers to EN 60115-1,
EN 140400 and the variety of environmental test procedures
of the IEC 60068 (3) series. The detail specification refers to
the climatic categories 55/125/56, which relates to the
“standard operation mode” of this datasheet.
Conformity is attested by the use of the CECC Logo (
) as
the Mark of Conformity on the package label.
Vishay
BEYSCHLAG
has
achieved
“Approval
of
Manufacturer”
in
accordance
with IEC QC 001002-3,
clause 2. The release certificate for “Technology Approval
Schedule” in accordance with CECC 240001 based on
IEC QC 001002-3,
clause
6
is
granted
for
the
Vishay BEYSCHLAG manufacturing process.
The resistors are qualified according to AEC-Q200.
RELATED PRODUCTS
For more information about products with higher operation
temperature please refer to the professional datasheet
document no. 28760.
Chip resistor arrays may be used in sensing applications or
precision amplifiers where close matching between multiple
resistors
is
necessary.
Please
refer
to
the
ACAS AT - Precision datasheet document no. 28770.
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org
→ issues →
environment policy
→ chemicals → chemicals for electronics
(3) The quoted IEC standards are also released as EN standards with the same number and identical contents


Similar Part No. - MCT0603ME1BP500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MC4641DE0P5PW00 VISHAY-MCT0603MC4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCT0603MC4641FE0P5PW00 VISHAY-MCT0603MC4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCT0603MC4641ZE0P5PW00 VISHAY-MCT0603MC4641ZE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCT0603MD4641DE0P5PW00 VISHAY-MCT0603MD4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCT0603MD4641FE0P5PW00 VISHAY-MCT0603MD4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
More results

Similar Description - MCT0603ME1BP500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com