Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ03S0303A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DZ03S0303A
Description  1W DC/DC CONVERTER, SMD-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ03S0303A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DZ03S0303A Datasheet HTML 1Page - Delta Electronics, Inc. DZ03S0303A Datasheet HTML 2Page - Delta Electronics, Inc. DZ03S0303A Datasheet HTML 3Page - Delta Electronics, Inc. DZ03S0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_SB01S/D_07232012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will
not damage these modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Pin Connections
Physical outline
Pin
Single Output
Dual Output
Case Size
:
15.3x8.0x6.75mm (0.60x0.31x0.27 Inches)
1
-Vin
-Vin
Case Material
:
Molding (flammability to UL 94V-0 rated)
2
+Vin
+Vin
3
NA
NA
Weight
:
2.2g
5
-Vout
Common
6
NA
-Vout
7
NA
NA
8
+Vout
+Vout
10
NA
NA
11
NA
NA
12
NA
NA
NA : Not Available for Electrical Connection
P3
15.3 [0.6]
0.60 [0.02]
1
23
5
12 11 10
8
6
7
1.3
2.54
[0.1]
5.08
[0.2]
[0.05]
9.2 [0.36]
7.0 [0.28]
[0.2]
5.08
A
S SEATING PLANE
0.15 S
( Magnification of A )
1.7 [0.07]
12.7 [0.50]
10.8 [0.43]
5.08 [0.20]
1.0 [0.04]
2.54 [0.10]


Similar Part No. - DZ03S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DZ03S0303A DELTA-DZ03S0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ03S0303A DELTA-DZ03S0303A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DZ03S0303A DELTA-DZ03S0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ03S0303A DELTA-DZ03S0303A Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DZ03S0303A DELTA-DZ03S0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DZ03S0303A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com