Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH01D0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DH01D0303A
Description  2W DC/DC CONVERTER, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DH01D0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DH01D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DH01D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DH01D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DH01D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SC02S/D series
2W DC/DC CONVERTER, SMD-Package
DS_SC02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 82%
SMD Package with Industry Standard Pinout
Package size :
Single Output
12.7 x 9.3 x 8.9 mm (0.5”x 0.37”x 0.35”)
Dual Outputs
15.3 x 9.3 x 8.9 mm (0.6”x 0.37”x 0.35”)
Isolation Voltage 1000 VDC
Operating Temperature Range –40° to +85°C
Low ripple and noise
Lead free, RoHs Compliant
3 Years Product Warranty
The SC02S/D series are miniature, SMD Package, isolated 2W DC/DC converters with 1,000VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SC02S0505A
5
400
8
519
11
47
77
SC02S0512A
12
165
3
488
11
10
81
SC02D0505A
±5
±200
±4
519
12
10*
77
SC02D0512A
±12
±83
±1.5
504
7
4.7*
79
SC02D0515A
5
(4.5 ~ 5.5)
±15
±66
±1
501
60
7
4.7*
79
SC02S1205A
5
400
8
213
8
47
78
SC02S1212A
12
165
3
201
6
10
82
SC02D1212A
±12
±83
±1.5
202
5
4.7*
82
SC02D1215A
12
(10.8 ~ 13.2)
±15
±66
±1
201
30
5
4.7*
82
SC02S2405A
5
400
8
106
8
47
78
SC02S2412A
12
165
3
101
5
10
81
SC02D2412A
±12
±83
±1.5
102
5
4.7*
81
SC02D2415A
24
(21.6 ~ 26.4)
±15
±66
±1
100
15
5
4.7*
82
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
650
mW
P1


Similar Part No. - DH01D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DH01D0303A DELTA-DH01D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH01D0303A DELTA-DH01D0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DH01D0303A DELTA-DH01D0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH01D0303A DELTA-DH01D0303A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
DH01D0303A DELTA-DH01D0303A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DH01D0303A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Delta Electronics, Inc.
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com