Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC3R315 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # V48SC3R315
Description  50W DC/DC Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC3R315 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button V48SC3R315 Datasheet HTML 3Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 4Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 5Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 6Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 7Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 8Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 9Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 10Page - Delta Electronics, Inc. V48SC3R315 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS_V48SC3R315_08142013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few μH, we advise 100μF electrolytic capacitor (ESR <
0.7 Ω at 100 kHz) mounted close to the input of the
module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Below is the reference
design for an input filter tested with V48SC3R315 to
meet class A in CISSPR 22.
Schematic and Components List
EMI test schematic
C1= 3.3uF/100 V
C2= 47uF/100 V
C3= 47uF/100 V
C4=C5=1nF/250Volt
T1=1mH, common choke,type P53910(Pulse)
Test Result:
At T = +25
C , Vin = 48 V and full load
Green line is quasi peak mode;
Blue line is average mode.
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MAV
55022MQP
Transducer
8130
Traces
PK+
AV
EMI test positive line
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MAV
55022MQP
Transducer
8130
Traces
PK+
AV
EMI test negative line
Safety Considerations
The power module must be installed in compliance with
the
spacing
and
separation
requirements
of
the
end-
user’s safety agency standard, i.e., UL60950-1,
CSA C22.2 NO. 60950-1 2nd and IEC 60950-1 2nd :
2005 and EN 60950-1 2nd: 2006+A11+A1: 2010, if the
system in which the power module is to be used must
meet safety agency requirements.


Similar Part No. - V48SC3R315

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320 DELTA-V48SC3R320 Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320 Datasheet
888Kb / 16P
   66W DC/DC Power Modules
V48SC3R320NMFA DELTA-V48SC3R320NMFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320NMFH DELTA-V48SC3R320NMFH Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320NNFA DELTA-V48SC3R320NNFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
More results

Similar Description - V48SC3R315

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
HA1SV12004PRFA DELTA-HA1SV12004PRFA Datasheet
570Kb / 11P
   50W DC/DC Power Modules
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
logo
DENSEI-LAMBDA
PAH50S48 LAMBDA-PAH50S48 Datasheet
111Kb / 2P
   Single output 50W ~ 200W DC-DC power module?
logo
Delta Electronics, Inc.
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com