Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V36SE12004NMFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # V36SE12004NMFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE12004NMFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  V36SE12004NMFA Datasheet HTML 1Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 2Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 3Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 4Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE12004NMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
V36SE12004
DS_ V36SE12004 _12252012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
High efficiency: 88% @ 12V/4.2A, 48Vin
86% @ 12V/3.5A, 24Vin
Size: 33.0x22.8x8.7mm (1.30”x0.90”x0.34”)
Industry standard 1/16th brick size & pinout
Input UVLO
OTP and output OCP, OVP (default is
auto-recovery)
Output voltage trim: -20%, +10%
Monotonic startup into normal and pre-biased
loads
2250V isolation and basic insulation
No minimum load required
SMD and Through-hole versions
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada) Recognized
Delphi Series V36SE, 1/16th Brick
DC/DC Power Modules: 18~75Vin, up
to 50W
The Delphi Series V36SE, 1/16
th Brick, 18~75V
wide input, single output, isolated DC/DC converter, is the
latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, Inc.
This product family provides up to 50 watts of power in the
industry standard 1/16
th brick form factor (1.30”x0.90”)
and pinout. With creative design technology and
optimization of component placement, these converters
possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful
operating conditions. For the 12V output module, it
delivers 50W (4.2A) output with 36 to 75V input and
delivers 40W (3.5A) output while the input is 18 to 36V to
the same module. Typical efficiency of the 12V/4.2A
module is greater than 88%. All modules are protected
from
abnormal
input/output
voltage,
current,
and
temperature conditions. For lower power needs, but in a
similar small form factor, please check out Delta S48SP
(36W or 10A) and S36SE (17W or 5A) series standard
DC/DC modules.
OPTIONS
SMD pins
Positive remote On/Off
OTP and output OVP, OCP mode
(Auto-restart or latch)
APPLICATIONS
Optical Transport
Data Networking
Communications
Servers


Similar Part No. - V36SE12004NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010NKFA DELTA-V36SE05010NKFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NMFA DELTA-V36SE05010NMFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NNFA DELTA-V36SE05010NNFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
More results

Similar Description - V36SE12004NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com