Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V36SE12004PKFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # V36SE12004PKFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE12004PKFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button V36SE12004PKFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 9Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 10Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 11Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 12Page - Delta Electronics, Inc. V36SE12004PKFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS_ V36SE12004_12252012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
LEADED (Sn/Pb) PROCESS RECOMMEND TEMPERATURE PROFILE
Time ( sec. )
Pre-heat temp.
140~180°C 60~120 sec.
Peak temp.
210~230°C 5sec.
Ramp-up temp.
0.5~3.0°C /sec.
50
100
150
200
250
300
60
0
120
180
240
2nd Ramp-up temp.
1.0~3.0°C /sec.
Over 200°C
40~50sec.
Cooling down rate <3°C /sec.
Note: The temperature refers to the pin of V36SE, measured on the pin +Vout joint.
LEAD FREE (SAC) PROCESS RECOMMEND TEMPERATURE PROFILE
Temp.
Time
150℃
200℃
100~140 sec.
Time Limited 90 sec.
above 217℃
217℃
Preheat time
Ramp up
max. 3℃/sec.
Ramp down
max. 4℃/sec.
Peak Temp. 240 ~ 245 ℃
25℃
Note: The temperature refers to the pin of V36SE, measured on the pin +Vout joint.


Similar Part No. - V36SE12004PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010NKFA DELTA-V36SE05010NKFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NMFA DELTA-V36SE05010NMFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NNFA DELTA-V36SE05010NNFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
More results

Similar Description - V36SE12004PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com