Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBPLANN004BAUNV Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # NBPLANN004BAUNV
Description  Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NBPLANN004BAUNV Datasheet(HTML) 4 Page - Honeywell Accelerometers

  NBPLANN004BAUNV Datasheet HTML 1Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 2Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 3Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 4Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 5Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 6Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 7Page - Honeywell Accelerometers NBPLANN004BAUNV Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.honeywell.com/sensing
Figure 2. Completed Catalog Listing Example
NBPDANN100PGUNV
DIP package, AN pressure port, non-gel coating option,
100 psi gage
Table 5. Pressure Range Specifications for 600 mbar to 10 bar
Pressure
Range
Offset
10
(mV/V)
Sensitivity
(mV/V/Full Scale Span)
TCO
11
(%FSS/25 C)
TCS
12
(%FSS/25 C)
Pmin.
Pmax.
Min.
Max.
Min.
Nom.
Max.
Min.
Nom.
Max.
Min.
Nom.
Max.
Absolute
001BA
0
1
bar
2
4
-7.0
7.0
10.0
15.0
20.0
-1.5
0.0
1.5
-6.0
-5.0
-3.8
1.6BA
0
1.6
bar
4
8
-7.0
7.0
12.0
16.0
20.0
-1.5
0.0
1.5
-6.0
-5.0
-3.8
2.5BA
0
2.5
bar
4
8
-7.0
7.0
18.8
25.0
31.3
-1.5
0.0
1.5
-6.0
-5.0
-3.8
004BA
0
4
bar
8
16
-7.0
7.0
16.8
20.0
23.2
-1.5
0.0
1.5
-6.0
-5.0
-3.8
006BA
0
6
bar
16
20
-7.0
7.0
12.6
15.0
17.4
-1.75
0.0
1.75
-6.0
-5.0
-3.8
010BA
0
10
bar
16
20
-7.0
7.0
21.0
25.0
29.0
-1.5
0.0
1.5
-6.0
-5.0
-3.8
Gage
600MG
0
600
mba
r
2000 4000
-7.0
7.0
6.0
9.0
12.0
-2.5
-1.0
2.5
-6.0
-5.0
-3.8
001BG
0
1
bar
2
4
-7.0
7.0
10.0
15.0
20.0
-1.5
-0.5
1.5
-6.0
-5.0
-3.8
1.6BG
0
1.6
bar
4
8
-7.0
7.0
12.0
16.0
20.0
-1.5
-0.5
1.5
-6.0
-5.0
-3.8
2.5BG
0
2.5
bar
4
8
-7.0
7.0
18.8
25.0
31.3
-1.0
-0.3
1.0
-6.0
-5.0
-3.8
004BG
0
4
bar
8
16
-7.0
7.0
16.8
20.0
23.2
-1.0
-0.3
1.0
-6.0
-5.0
-3.8
006BG
0
6
bar
16
20
-7.0
7.0
12.6
15.0
17.4
-1.5
-0.4
1.5
-6.0
-5.0
-3.8
010BG
0
10
bar
16
20
-7.0
7.0
21.0
25.0
29.0
-1.0
-0.3
1.0
-6.0
-5.0
-3.8
Table 6. Pressure Range Specifications for 15 psi to 150 psi
Pressure
Range
Offset
10 (mV/V)
Sensitivity
(mV/V/Full Scale Span)
TCO
11
(%FSS/25 C)
TCS
12
(%FSS/25 C)
Pmin.
Pmax.
Min.
Max.
Min.
Nom.
Max.
Min.
Nom.
Max.
Min.
Nom.
Max.
Absolute
015PA
0
15
psi
30
60
-7.0
7.0
10.3
15.0
20.7
-1.5
-0.6
1.5
-6.0
-5.0
-3.8
030PA
0
30
psi
60
120
-7.0
7.0
15.5
21.0
26.0
-1.0
-0.4
1.0
-6.0
-5.0
-3.8
060PA
0
60
psi
120
240
-7.0
7.0
17.4
21.0
24.0
-1.0
-0.3
1.0
-6.0
-5.0
-3.8
100PA
0
100
psi
240
300
-7.0
7.0
14.5
17.2
20.0
-1.0
0.4
1.0
-6.0
-5.0
-3.8
150PA
0
150
psi
240
300
-7.0
7.0
21.7
26.0
30.0
-1.0
0.3
1.0
-6.0
-5.0
-3.8
Gage
015PG
0
15
psi
30
60
-7.0
7.0
10.3
15.0
20.7
-1.5
-0.6
1.5
-6.0
-5.0
-3.8
030PG
0
30
psi
60
120
-7.0
7.0
15.5
21.0
26.0
-1.0
-0.4
1.0
-6.0
-5.0
-3.8
060PG
0
60
psi
120
240
-7.0
7.0
17.4
21.0
24.0
-1.0
-0.3
1.0
-6.0
-5.0
-3.8
100PG
0
100
psi
240
300
-7.0
7.0
14.5
17.2
20.0
-1.0
0.4
1.0
-6.0
-5.0
-3.8
150PG
0
150
psi
240
300
-7.0
7.0
21.7
26.0
30.0
-1.0
0.3
1.0
-6.0
-5.0
-3.8
Notes:
10.
Offset: The output signal obtained when the reference pressure is applied to all available pressure ports. Also known as “null” or “zero”.
11. TCO (Thermal Effect on Offset): The deviation in offset due to changes in temperature over the specified temperature range, relative to offset
measured at 25 C.
12. TCS (Thermal Effect on Span): The deviation in full scale span due to changes in temperature over the specified temperature range, relative
to full scale span measured at 25 C.


Similar Part No. - NBPLANN004BAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPLANN001BAUNV HONEYWELL-ACC-NBPLANN001BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
More results

Similar Description - NBPLANN004BAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
All Sensors Corporation
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com