Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCU0805ME2BP500 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MCU0805ME2BP500
Description  Precision Thin Film Chip Resistor Superior Moisture Resistivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCU0805ME2BP500 Datasheet(HTML) 7 Page - Vishay Siliconix

  MCU0805ME2BP500 Datasheet HTML 1Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 2Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 3Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 4Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 5Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 6Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 7Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 8Page - Vishay Siliconix MCU0805ME2BP500 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thinfilmchip@vishay.com
Document Number: 28785
7
Revision: 09-Apr-09
MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor
Superior Moisture Resistivity
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
STABILITY CLASS 0.25 OR BETTER (1)
Stability for product types:
MCT 0603 AT
47
Ω to 100 kΩ
MCU 0805 AT
47
Ω to 100 kΩ
MCA 1206 AT
47
Ω to 100 kΩ
4.5
-
Resistance
± 0.1 %
R
4.8.4.2
-
Temperature
coefficient
At (20/- 55/20)
°C and
(20/155/20)
°C
± 25 ppm/K; ± 15 ppm/K
4.25.1
-
Endurance at 70
°C:
Standard operation mode
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70
°C; 1000 h
70
°C; 8000 h
± (0.1 %
R +0.02
Ω)
± (0.2 %
R +0.02
Ω)
Endurance at 70
°C:
Power operation mode
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off;
70
°C; 1000 h
70
°C; 8000 h
± (0.2 %
R +0.02
Ω)
± (0.4 %
R +0.05
Ω)
4.25.3
-
Endurance at
upper category
temperature
125
°C; 1000 h
155
°C; 1000 h
± (0.15 %
R + 0.02
Ω)
± (0.3 %
R + 0.02
Ω)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2)
°C; 56 days;
(93 ± 3) % RH
± (0.1 %
R +0.02
Ω)
4.39
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2) °C
(85 ± 5) % RH
U = 0.1 x
≤ 100 V;
1000 h
± (0.5 %
R + 0.05
Ω)
4.23
Climatic sequence:
± (0.25 %
R +0.02
Ω)
4.23.2
2 (Ba)
dry heat
125
°C; 16 h
4.23.3
30 (Db)
damp heat, cyclic
55
°C; 24 h; > 90 % RH;
1 cycle
4.23.4
1 (Aa)
cold
- 55
°C; 2 h
4.23.5
13 (M)
low air pressure
8.5 kPa; 2 h; (25 ± 10)
°C
4.23.6
30 (Db)
damp heat, cyclic
55
°C; 5 days > 90 % RH;
5 cycles
4.23.7
-
DC load
U =
≤ U
max.; 1 min
-1 (Aa)
Storage at low
temperature
- 55
°C; 2 h
± (0.05 %
R +0.01
Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at - 55 °C and
30 min at 125
°C;
1000 cycles
± (0.25 %
R +0.02
Ω)
4.13
-
Short time overload;
standard operation mode
U = 2.5 x
≤ 2 × U
max.; 5 s
± (0.05 %
R +0.01
Ω)
4.27
-
Single pulse high
voltage overload;
standard operation mode
Severity no. 4:
U = 10 x
≤ 2 x U
max.;
10 pulses
± (0.25 %
R +0.05
Ω)
Note
(1) According to the detail specification EN 140401-801 the stability class applies to the category temperatures 85 °C and 125 °C and their
respective test conditions.
P
70 x R
P
70 x R
P
70 x R
P
70 x R
P
70 x R
P
70 x R


Similar Part No. - MCU0805ME2BP500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCU0805MC4641DE0P5PW00 VISHAY-MCU0805MC4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCU0805MC4641FE0P5PW00 VISHAY-MCU0805MC4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCU0805MC4641ZE0P5PW00 VISHAY-MCU0805MC4641ZE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCU0805MD4641DE0P5PW00 VISHAY-MCU0805MD4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCU0805MD4641FE0P5PW00 VISHAY-MCU0805MD4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
More results

Similar Description - MCU0805ME2BP500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com