Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC12007NMFB Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # V48SC12007NMFB
Description  Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC12007NMFB Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button V48SC12007NMFB Datasheet HTML 3Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 4Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 5Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 6Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 7Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 8Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 9Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 10Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS_V48SC12007_08212013
7
The input source must be insulated from the ac mains
by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault, hazardous
voltage does not appear at the module’s output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to the
end-use installation, as the spacing between the module
and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
Fast-acting fuse with 20A maximum rating to be installed
in the ungrounded lead. A lower rated fuse can be used
based on the maximum inrush transient energy and
maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance on
appropriate soldering and cleaning procedures, please
contact Delta’s technical support team.
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the modules will
automatically shut down, and enter hiccup mode or latch
mode, which is optional, the default is hiccup mode.
For hiccup mode, the module will try to restart after
shutdown. If the over current condition still exists, the
module will shut down again. This restart trial will continue
until the over-current condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-voltage
set point, the module will shut down, and enter in hiccup
mode or latch mode, which is optional, the default is
hiccup mode.
For hiccup mode, the module will try to restart after
shutdown. If the over voltage condition still exists, the
module will shut down again. This restart trial will
continue until the over-voltage condition is corrected.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides
protection
from
thermal
damage.
If
the
temperature exceeds the over-temperature threshold the
module will shut down, and enter in auto-restart mode or
latch mode, which is optional, the default is auto-restart
mode.
For auto-restart mode, the module will monitor the
module
temperature
after
shutdown.
Once
the
temperature is dropped and within the specification, the
module will be auto-restart.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not used,
please short the on/off pin to Vi(-). For positive logic if the
remote on/off feature is not used, please leave the on/off
pin floating.
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 17: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins and
the output terminals must not exceed the output voltage
sense range given here:
[Vo(+)
– Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to remote
sense compensation and output voltage set point
adjustment (trim).


Similar Part No. - V48SC12007NMFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC12007NMFB DELTA-V48SC12007NMFB Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB Datasheet
1Mb / 17P
   Fixed frequency operation
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
More results

Similar Description - V48SC12007NMFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SR3R320NNFA DELTA-V48SR3R320NNFA Datasheet
976Kb / 13P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 12V, 5.5A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com