Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH44PN1R5MJ0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH44PN1R5MJ0
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH44P_J0 Series (1515 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH44PN1R5MJ0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH44PN1R5MJ0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH44PN1R5MJ0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2011.5.12
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
4.0
±0.2
1.1
±0.2
1.1
±0.2
(in mm)
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44P_J0 Series (1515 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
1000
K
330mm Embossed Tape
3500
I Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH44PN1R0NJ0p
1.0
µH±30%
2000mA
1530mA
0.048ohm
±20%
130MHz
LQH44PN1R5MJ0p
1.5
µH±20%
1600mA
1380mA
0.061ohm
±20%
90MHz
LQH44PN2R2MJ0p
2.2
µH±20%
1320mA
1230mA
0.074ohm
±20%
68MHz
LQH44PN3R3MJ0p
3.3
µH±20%
900mA
1000mA
0.088ohm
±20%
55MHz
LQH44PN4R7MJ0p
4.7
µH±20%
840mA
980mA
0.117ohm
±20%
50MHz
LQH44PN6R8MJ0p
6.8
µH±20%
720mA
860mA
0.143ohm
±20%
38MHz
LQH44PN100MJ0p
10
µH±20%
560mA
790mA
0.207ohm
±20%
30MHz
LQH44PN150MJ0p
15
µH±20%
430mA
610mA
0.385ohm
±20%
25MHz
LQH44PN220MJ0p
22
µH±20%
400mA
550mA
0.480ohm
±20%
18MHz
LQH44PN330MJ0p
33
µH±20%
360mA
430mA
0.740ohm
±20%
15MHz
LQH44PN470MJ0p
47
µH±20%
300mA
380mA
1.014ohm
±20%
13MHz
Test Frequency: 100kHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is included): -40 to +125
°C
Operating Temperature Range (Self-temperature rise is not included): -40 to +85
°C
Only for reflow soldering.
*1 When Rated Current is applied to the Products, Inductance will be within
±30% of nominal Inductance value.
*2 When Rated Current is applied to the Products, self-generation of heat will rise to 40
°C or less.
Continued on the following page.


Similar Part No. - LQH44PN1R5MJ0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH44PN1R5MJ0 MURATA-LQH44PN1R5MJ0 Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
LQH44PN1R5MJ0 MURATA-LQH44PN1R5MJ0 Datasheet
80Kb / 2P
   Inductance
LQH44PN1R5MJ0K MURATA-LQH44PN1R5MJ0K Datasheet
80Kb / 2P
   Inductance
LQH44PN1R5MJ0L MURATA-LQH44PN1R5MJ0L Datasheet
80Kb / 2P
   Inductance
More results

Similar Description - LQH44PN1R5MJ0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com