Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L36SA05010NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # L36SA05010NRFA
Description  Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

L36SA05010NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  L36SA05010NRFA Datasheet HTML 1Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 2Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 3Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 4Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 5Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 6Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 7Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 8Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS_L36SA05010_10252013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
L36SA05010 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Maximum input voltage
100
Vdc
Operating Temperature
Refer to Figure21 for measuring point
-40
130
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16
17
18
Vdc
Turn-Off Voltage Threshold
15
16
17
Vdc
Lockout Hysteresis Voltage
0.75
1
1.5
Vdc
Maximum Input Current
100% Load, 18Vin
4
A
No-Load Input Current
60
mA
Off Converter Input Current
4
mA
Inrush Current(I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
4.95
5.0
5.05
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±5
±10
mV
Over Line
Vin=18V to 75V
±5
±10
mV
Over Temperature
Ta=-40°C to 85°C
±30
mV
Total Output Voltage Range
Over sample load, line and temperature
3.25
3.35
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
50
100
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
15
30
mV
Operating Output Current Range
0
10
A
Output over current protection
110
150
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
100
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
100
mV
Settling Time (within 1% Vout nominal)
200
us
Turn-On Transient
Start-Up Time, From On/Off Control
20
ms
Start-Up Time, From Input
20
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
1500
µF
EFFICIENCY
100% Load
89
%
60% Load
89
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
100
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0.7
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
2
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0.7
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
2
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Vin = 18V ~ 60V
-10
10
%
(Across Pins 9 & 5, Pout ≦ max rated power)
Vin = 61V ~ 75V
-5
10
%
Output Voltage Remote Sense Range (option)
Pout ≦ max rated power
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
6
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
3.06
M hours
Weight
24.2
Grams
Over-Temperature Shutdown
Refer to Fig.21 for measuring point
134
°C


Similar Part No. - L36SA05010NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
579Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
550Kb / 13P
   Fixed frequency operation
More results

Similar Description - L36SA05010NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA3R315NRFA DELTA-L36SA3R315NRFA Datasheet
579Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA_13 Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA3R315NRFA DELTA-L36SA3R315NRFA_13 Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com