Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZR1R080A001 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # TZR1R080A001
Description  Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZR1R080A001 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  TZR1R080A001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZR1R080A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
T13E.pdf
Aug.10,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Selection Guide of Ceramic Trimmer Capacitors
Mounting Method?
Surface Mount
PCB Insertion
Height 0.90mm max.
Height 2.6mm max.
Height 1.7mm max.
Height 3.2mm max.
Height 5.3mm max.
TZC3
3.2(W) x 4.5(L)
TZB4_A
4.0(W) x 4.5(L)
TZB4_B
4.0(W) x 4.5(L)
TZB4_E
4.0(W) x 4.5(L)
TZW4
4.2(W) x 5.2(L)
TZ03_F
6.0(W) x 6.0(L)
TZ03_N
6.0(W) x 6.0(L)
TZB4_A
4.0(W) x 4.5(L)
(with cover film)
TZB4_B
4.0(W) x 4.5(L)
(with cover film)
TZB4_E
4.0(W) x 4.5(L)
(with cover film)
TZR1
1.5(W) x 1.7(L)
TZS2
2.2(W) x 2.7(L)
TZY2
2.5(W) x 3.2(L)
TZV2
2.3(W) x 3.2(L)
Height 1.00mm max.
Height 3.2mm max.
Height 1.25mm max.
Height 1.45mm max.
Flow
Manual Insertion
Reflow
High Frequency Power
All Ceramic Trimmer Capacitor products comply with RoHS and ELV.


Similar Part No. - TZR1R080A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZR1R080A001 MURATA-TZR1R080A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZR1R080A001 MURATA-TZR1R080A001 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZR1R080A001B00 MURATA-TZR1R080A001B00 Datasheet
215Kb / 3P
   Can be reflow and flow
logo
Murata Manufacturing Co...
TZR1R080A001B00 MURATA1-TZR1R080A001B00 Datasheet
322Kb / 3P
   Ultra-small and thin with external dimensions of 1.5(W)x1.7(L)x0.85(H)mm
Last updated06/17/2022
TZR1R080A001B00 MURATA1-TZR1R080A001B00_V01 Datasheet
322Kb / 3P
   Ultra-small and thin with external dimensions of 1.5(W)x1.7(L)x0.85(H)mm
Last updated06/17/2022
More results

Similar Description - TZR1R080A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com