Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SH1R840PNFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # V48SH1R840PNFA
Description  Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SH1R840PNFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  V48SH1R840PNFA Datasheet HTML 1Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 2Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 3Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 4Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 5Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SH1R840PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_V48SH1R840_05162011
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Start up
Figure 4: Turn-on transient at full rated load current (10
ms/div). Vin=48V. Top Trace: Vout, 1.0V/div; Bottom Trace:
ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current (10 ms/div).
Vin=48V. Top Trace: Vout: 1.0V/div, Bottom Trace: ON/OFF
input, 5V/div
For Input Voltage Start up
Figure 6: Turn-on transient at full rated load current (10
ms/div). Vin=48V. Top Trace: Vout, 1.0V/div; Bottom Trace: Vin,
20V/div
Figure 7: Turn-on transient at zero load current (10 ms/div).
Vin=48V. Top Trace: Vout, 1.0V/div; Bottom Trace: Vin, 20V/div
Figure 8: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (50mV/div, 200us/div), Bottom Trace: Iout (10A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module
Figure 9: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 1.0A/µs). Load cap:
220µF tantalum capacitor and 1µF ceramic capacitor. Top
Trace: Vout (100mV/div, 200us/div), Bottom Trace: Iout
(10A/div). Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module
0
0
0
0
0
0
0
0
0
0
0
0


Similar Part No. - V48SH1R840PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
743Kb / 13P
   High efficiency: 89% @ 1.8V/30A
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
798Kb / 14P
   SMD and through-hole versions
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
More results

Similar Description - V48SH1R840PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
V48SC12007NMFA DELTA-V48SC12007NMFA Datasheet
793Kb / 13P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
V48SR3R320NNFA DELTA-V48SR3R320NNFA Datasheet
976Kb / 13P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 12V, 5.5A out
E48SP3R340NRFA DELTA-E48SP3R340NRFA Datasheet
462Kb / 13P
   Delphi Series E48SP3R340, 1/8th Brick 132W DC/DC Power Modules: 48V in, 3.3V, 40A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com