Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCA1206ME0BP100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MCA1206ME0BP100
Description  Precision Thin Film Chip Resistor Superior Moisture Resistivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCA1206ME0BP100 Datasheet(HTML) 6 Page - Vishay Siliconix

  MCA1206ME0BP100 Datasheet HTML 1Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 2Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 3Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 4Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 5Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 6Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 7Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 8Page - Vishay Siliconix MCA1206ME0BP100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
Precision Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28785
For technical questions, contact: filmresistors.thinfilmchip@vishay.com
www.vishay.com
Revision: 09-Apr-09
6
FUNCTIONAL PERFORMANCE
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification
EN 140400, sectional specification
EN 140401-801, detail specification
The components are approved in accordance with the
IECQ-CECC-system, where applicable. The following table
contains only the most important tests. For the full test
schedule refer to the documents listed above. The testing
also
covers most of the requirements specified by
EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days) is
valid (LCT = - 55 °C/UCT = 125 °C).
Unless otherwise specified the following values apply:
Temperature: 15
°C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on boards in
accordance with EN 140400, 2.3.3 unless otherwise
specified.
The requirements stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-801. However, some
additional tests and a number of improvements against those
minimum requirements have been included.
Derating
For permissible resistance change please refer to table MAXIMUM RESISTANCE CHANGE AT RATED POWER, above
100
100
- 55
Ambient Temperature in °C
180
Standard Mode
Power Mode
155
0
20
40
60
80
125
050
70
Resistance Value
0.01
1 M
Ω
0.1
1
µV/V
R
3
100 k
Ω
10 k
Ω
1 k
Ω
10
Ω
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
100
Ω
Current noise
A1 in accordance with IEC 60195
Current Noise


Similar Part No. - MCA1206ME0BP100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCA1206MC4641DE0P5PW00 VISHAY-MCA1206MC4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MC4641FE0P5PW00 VISHAY-MCA1206MC4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MC4641ZE0P5PW00 VISHAY-MCA1206MC4641ZE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MD4641DE0P5PW00 VISHAY-MCA1206MD4641DE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
MCA1206MD4641FE0P5PW00 VISHAY-MCA1206MD4641FE0P5PW00 Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
More results

Similar Description - MCA1206ME0BP100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com