Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4069UBT652 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4069UBT652
Description  Hex inverter Rev. 8 ??16 November 2011
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4069UBT652 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4069UBT652 Datasheet HTML 4Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 5Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 6Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 7Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 8Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 9Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 10Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 11Page - NXP Semiconductors HEF4069UBT652 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HEF4069UB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 November 2011
8 of 17
NXP Semiconductors
HEF4069UB
Hex inverter
12. Application information
Some examples of applications for the HEF4069UB.
Figure 7 shows an astable relaxation oscillator using two HEF4069UB inverters and 2
BAW62 diodes. The oscillation frequency is mainly determined by R1
 C1, provided
R1 << R2 and R2
 C2 << R1  C1.
The function of R2 is to minimize the influence of the forward voltage across the protection
diodes on the frequency; C2 is a stray (parasitic) capacitance.
The period Tp is given by Tp =T1 +T2,
where:
VST = the signal threshold level of the inverter.
The period is fairly independent of VDD, VST and temperature. The duty factor, however, is
influenced by VST.
T
1
R1C1In
V
DD
V
ST
+
V
ST
--------------------------
=
T
2
R1C1In
2V
DD
V
ST
V
DD
V
ST
-----------------------------
=
Fig 7.
Astable relaxation oscillator
001aag162
forward voltage
clamping diode
D
C
B
A
C2
C1
B
A
C
D
R2
R1
VDD
VDD
0 V
VDD
0 V
1.5VDD
VDD
0.5VDD
0 V
−0.5VDD
VDD
0.5VDD
0 V
VSS
1/6 HEF4069UB
1/6 HEF4069UB


Similar Part No. - HEF4069UBT652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4069UBT PHILIPS-HEF4069UBT Datasheet
116Kb / 7P
   Hex inverter
January 1995
logo
Nexperia B.V. All right...
HEF4069UBT NEXPERIA-HEF4069UBT Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
HEF4069UBTT NEXPERIA-HEF4069UBTT Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
HEF4069UBTT-Q100 NEXPERIA-HEF4069UBTT-Q100 Datasheet
741Kb / 16P
   Hex inverter
More results

Similar Description - HEF4069UBT652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027BP652 NXP-HEF4027BP652 Datasheet
108Kb / 14P
   Dual JK flip-flop Rev. 9 ??18 November 2011
Rev. 9-18 November 2011
PMLL4148L115 NXP-PMLL4148L115 Datasheet
122Kb / 11P
   High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
   4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
74AHCT08PW112 NXP-74AHCT08PW112 Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
74AHCT08PW118 NXP-74AHCT08PW118 Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com