Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK03S1224A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SK03S1224A
Description  2W DC/DC CONVERTER, SMD-Package, High isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SK03S1224A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SK03S1224A Datasheet HTML 1Page - Delta Electronics, Inc. SK03S1224A Datasheet HTML 2Page - Delta Electronics, Inc. SK03S1224A Datasheet HTML 3Page - Delta Electronics, Inc. SK03S1224A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SG02S/D Series
2W DC/DC CONVERTER, SMD-Package
, High isolation
DS_SG02S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 75%
SMD Package with Industry Standard Pinout
UL/EN60601-1&EN60950-1 Safety Approval
Isolation Voltage 4000 VDC
Operating Temperature Range –25°C to +80°C
Reflow Solder Temperature up to 245°C
Reinforced Insulation rated for 300VAC Working
Voltage
Lead free, RoHs Compliant
3 Years Product Warranty
The SG02S/D series is miniature, SMD Package, isolated 2W DC/DC converters with 4,000VDC isolation .The SG02S/D series
has industrial and medical safety approval. These isolated DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly
stressful operating conditions.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SG02S0505A
5
400
8
606
12
66
SG02S0512A
12
165
3
600
10
66
SG02S0515A
15
133
2.5
605
10
330
66
SG02D0512A
±12
±83
±1.5
553
10
72
SG02D0515A
5
(4.5 ~ 5.5)
±15
±66
±1
542
90
10
100*
73
SG02S1205A
5
400
8
253
12
66
SG02S1212A
12
165
3
250
10
66
SG02S1215A
15
133
2.5
252
10
330
66
SG02D1212A
±12
±83
±1.5
224
10
74
SG02D1215A
12
(10.8 ~ 13.2)
±15
±66
±1
220
40
10
100*
75
SG02S2405A
5
400
8
126
12
66
SG02S2412A
12
165
3
125
10
66
SG02S2415A
15
133
2.5
126
10
330
66
SG02D2412A
±12
±83
±1.5
112
10
74
SG02D2415A
24
(21.6 ~ 26.4)
±15
±66
±1
110
30
10
100*
75
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
650
mW


Similar Part No. - SK03S1224A

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
SK035K TECCOR-SK035K Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
SK035K LITTELFUSE-SK035K Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
SK035K LITTELFUSE-SK035K Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
More results

Similar Description - SK03S1224A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com