Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMLL4148L Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMLL4148L
Description  High-speed switching diodes Rev. 8 ??1 February 2011
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMLL4148L Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMLL4148L Datasheet HTML 3Page - NXP Semiconductors PMLL4148L Datasheet HTML 4Page - NXP Semiconductors PMLL4148L Datasheet HTML 5Page - NXP Semiconductors PMLL4148L Datasheet HTML 6Page - NXP Semiconductors PMLL4148L Datasheet HTML 7Page - NXP Semiconductors PMLL4148L Datasheet HTML 8Page - NXP Semiconductors PMLL4148L Datasheet HTML 9Page - NXP Semiconductors PMLL4148L Datasheet HTML 10Page - NXP Semiconductors PMLL4148L Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PMLL4148L_PMLL4448
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 1 February 2011
8 of 11
NXP Semiconductors
PMLL4148L; PMLL4448
High-speed switching diodes
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
PMLL4148L_PMLL4448 v.8
20110201
Product data sheet
-
PMLL4148L_PMLL4448 v.7
Modifications:
• Section 4 “Marking”: amended.
• Figure 8: replaced by minimized outline drawing.
• Section 13 “Legal information”: updated.
PMLL4148L_PMLL4448 v.7
20070131
Product data sheet
-
PMLL4148L_PMLL4448 v.6
PMLL4148L_PMLL4448 v.6
20050404
Product data sheet
-
PMLL4148L_4448 v.5
PMLL4148L_4448 v.5
20020123
Product specification
-
PMLL4148L_4448 v.4
PMLL4148L_4448 v.4
20001115
Product specification
-
PMLL4148 v.3
PMLL4148 v.3
19990527
Product specification
-
PMLL4148 v.2
PMLL4148 v.2
19960918
Product specification
-
PMLL4148 v.1
PMLL4148 v.1
19960423
Product specification
-
-


Similar Part No. - PMLL4148L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMLL4148L PHILIPS-PMLL4148L Datasheet
67Kb / 11P
   High-speed switching diodes
Rev. 06-4 April 2005
PMLL4148L NXP-PMLL4148L Datasheet
74Kb / 11P
   High-speed switching diodes
Rev. 07-31 January 2007
PMLL4148L NXP-PMLL4148L Datasheet
122Kb / 11P
   High-speed switching diodes
Rev. 8-1 February 2011
logo
Nexperia B.V. All right...
PMLL4148L NEXPERIA-PMLL4148L Datasheet
702Kb / 11P
   High-speed switching diodes
Rev. 8 - 1 February 2011
logo
NXP Semiconductors
PMLL4148L NXP-PMLL4148L_11 Datasheet
122Kb / 11P
   High-speed switching diodes
Rev. 8-1 February 2011
More results

Similar Description - PMLL4148L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP1763AETTM ETC2-ISP1763AETTM Datasheet
3Mb / 134P
   Hi-Speed USB OTG controller Rev. 02 ??24 February 2011
logo
NXP Semiconductors
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
HEF4069UBT652 NXP-HEF4069UBT652 Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
PTVS30VP1UTP NXP-PTVS30VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
   4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com